Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-K101-MK0A1 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-K101-MK0A1
Description  T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-K101-MK0A1 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-K101-MK0A1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-K101-MK0A1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-K101-MK0A1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-K101-MK0A1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-K101-MK0A1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-K101-MK0A1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-K101-MK0A1 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Selection Guide
Luminous Intensity
Iv (mcd) at 20 mA
2
θθθθθ
1/2
[1]
Package
Package Description
Device HLMP-
Min.
Typ.
Max.
Degree
Outline
T-1 3/4 Red Tinted Diffused
D101
35.2
70.0
65
A
D101-J00xx
35.2
70.0
65
A
D101-JK0xx
35.2
70.0
112.8
65
A
T-1 3/4 Red Untinted Non-diffused
D105
138.0
240.0
24
B
D105-M00xx
138.0
240.0
24
B
D105-NO0xx
200.0
290.0
580.0
24
B
T-1 Red Tinted Diffused
K101
22.0
45.0
60
C
K101-100xx
22.0
45.0
60
C
K101-IJ0xx
22.0
45.0
70.4
60
C
T-1 Red Untinted Non-diffused
K105
35.2
65.0
45
C
K105-J00xx
35.2
65.0
45
C
K105-KL0xx
56.4
110.0
180.4
45
C
Note:
1.
θ
1/2 is the off axis angle from lamp centerline where the luminous intensity is
1/2 the on-axis value.
Part Numbering System
HLMP - x x xx - x x x xx
Mechanical Option
00: Bulk
01: Tape & Reel, Crimped Leads
02: Tape & Reel, Straight Leads
A1: Right Angle Housing, Uneven Leads, T1
A2: Right Angle Housing, Even Leads, T1
B1: Right Angle Housing, Uneven Leads, T-1 3/4
B2: Right Angle Housing, Even Leads, T-1 3/4
DD, UQ: Ammo Pack
Color Bin Options
0: Full Color Bin Distribution
Maximum Iv Bin Options
0: Open (no max. limit)
Others: Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Lens Type
01: Tinted, Diffused
05: Untinted, Nondiffused
Color Options
1: AlGaAs Red
Package Options
D: T-1 3/4
K: T-1


Similar Part No. - HLMP-K101-MK0A1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K101-MP4A QT-HLMP-K101-MP4A Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
HLMP-K101-MP4B QT-HLMP-K101-MP4B Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Similar Description - HLMP-K101-MK0A1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-4100 HP-HLMP-4100 Datasheet
58Kb / 6P
   T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com