Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50031 Datasheet(PDF) 65 Page - Zarlink Semiconductor Inc

Part # ZL50031
Description  Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 2 K x 2 K Local Switch
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50031 Datasheet(HTML) 65 Page - Zarlink Semiconductor Inc

Back Button ZL50031 Datasheet HTML 61Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 62Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 63Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 64Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 65Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 66Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 67Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 68Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 69Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
ZL50031
Data Sheet
65
Zarlink Semiconductor Inc.
† Characteristics are over recommended operating conditions unless otherwise stated.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* Note 1: To meet the H.110 output timing requirement, the output delay time can be reduced further by programming the backplane output
advancement registers (BOA0 - 3).
* Note 2: High Impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel the time taken to discharge CL.
Figure 30 - Backplane Serial Stream Timing when the Data Rate is 8 Mbps
AC Electrical Characteristics- Backplane Serial Streams with Date Rate of 8 Mbps
Characteristic
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1
BSTio0-31 Input Data Sample Point
tSAMP8
91.5
91.5
91.5
ns
2
BSTio0-31 Input Setup Time
tCIS8
12.5
ns
3
BSTio0-31 Input Hold Time
tCIH8
12.5
ns
4
BSTio0-31 Output Delay
Active to Active
tDOD8
-6.5
12.5
ns
CL = 30 pF, Note 1
5
Per Channel boundary HiZ
tDOZ8
tZDO8
10
10
ns
ns
RL=1 K, CL=30 pF,
Note 2
FRAME_A_io,
C8_A_io,
(8.192 MHz)
BSTio (8 Mbps)
Backplane input
BSTio (8 Mbps)
Backplane output
FRAME_B_io
C8_B_io
VTT
Bit 1
Ch 0
Bit 2
Ch 0
Bit 3
Ch 0
Bit 4
Ch 0
Bit 7
Ch127
Bit 6
Ch127
Bit 0
Ch 0
tCIS8
VTT
Bit 4
Ch 0
Bit 3
Ch 0
Bit 2
Ch 0
Bit 1
Ch 0
Bit 0
Ch 0
Bit 7
Ch127
Bit 6
Ch127
tDOZ8
tDOD8
tCIH8
tSAMP8
tZDO8
(INPUT)
(INPUT)


Similar Part No. - ZL50031

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50030 ZARLINK-ZL50030 Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030 ZARLINK-ZL50030 Datasheet
675Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030GAC ZARLINK-ZL50030GAC Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030GAC ZARLINK-ZL50030GAC Datasheet
675Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030GAG2 ZARLINK-ZL50030GAG2 Datasheet
675Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
More results

Similar Description - ZL50031

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50030 ZARLINK-ZL50030 Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030 ZARLINK-ZL50030_06 Datasheet
675Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
MT90866 ZARLINK-MT90866 Datasheet
701Kb / 86P
   Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
logo
Cypress Semiconductor
CY7C131E CYPRESS-CY7C131E_13 Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
logo
Fujitsu Component Limit...
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
logo
Zarlink Semiconductor I...
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
MT90870 ZARLINK-MT90870 Datasheet
2Mb / 86P
   Flexible 12 k Digital Switch (F12kDX)
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com