Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50031 Datasheet(PDF) 53 Page - Zarlink Semiconductor Inc

Part # ZL50031
Description  Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 2 K x 2 K Local Switch
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50031 Datasheet(HTML) 53 Page - Zarlink Semiconductor Inc

Back Button ZL50031 Datasheet HTML 49Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 50Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 51Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 52Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 53Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 54Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 55Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 56Page - Zarlink Semiconductor Inc ZL50031 Datasheet HTML 57Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
ZL50031
Data Sheet
53
Zarlink Semiconductor Inc.
Bit
Name
Description
15 -13
LTM2 - 0
Throughput Delay and Message Channel Control Bits: These three bits control the
local ST-BUS output.
12 - 8
LSAB4 -
LSAB0
Source Stream Address Bits: These five bits refer to the number of the data stream for
the source (local or backplane) connection.
7 - 0
(See
Note 1)
LCAB7 -
LCAB0
Source Channel Address Bits: These eight bits refer to the number of the channel that
is the source (local or backplane) connection.
Note 1: Only Bits 7-0 will be used for per-channel message mode for the local LSTo streams.
Table 27 - Local Connection Memory Bits
15
14
13
12
11
10
9876
5432
10
LTM
2
LTM
1
LTM
0
LSAB
4
LSAB
3
LSAB
2
LSAB
1
LSAB
0
LCAB
7
LCAB
6
LCAB
5
LCAB
4
LCAB
3
LCAB
2
LCAB
1
LCAB
0
LTM2-0
Throughput Delay and Message Mode Control
000
Per-channel variable delay from local interface; the content of the connection
memory is the local data memory address of the switched input channel and stream.
The local ST-BUS output is from local ST-BUS input.
001
Per-channel constant delay from local interface; the content of the connection
memory is the local data memory address of the switched input channel and stream.
The local ST-BUS output is from local ST-BUS input.
010
Per-channel variable delay from backplane interface; the content of the connection
memory is the backplane data memory address of the switched input channel and
stream. The local ST-BUS output is from the backplane CT-Bus input.
011
Per-channel constant delay from the backplane interface; the content of the
connection memory is the backplane data memory address of the switched input
channel and stream. The local ST-BUS output is from backplane CT-Bus input.
100
Per-channel message mode; only the lower byte (bits 7 to 0) of the connection
memory location will be presented to the local ST-BUS output channel.
101
Per-channel BER pattern; the pseudo random BER test pattern will be presented to
the local ST-BUS output channel.
110
Per-channel high impedance. The local ST-BUS output is high-impedance.
111
Reserved
.
Input Source
Var.
delay
Const.
delay
Msg
Mode
BER
Per
Channel
(HiZ)
Local
Backplane
00
0
x
x
00
1
x
x
01
0
x
x
01
1
x
x
10
0
x
10
1
x
11
0
x
11
1
Reserved


Similar Part No. - ZL50031

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50030 ZARLINK-ZL50030 Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030 ZARLINK-ZL50030 Datasheet
675Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030GAC ZARLINK-ZL50030GAC Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030GAC ZARLINK-ZL50030GAC Datasheet
675Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030GAG2 ZARLINK-ZL50030GAG2 Datasheet
675Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
More results

Similar Description - ZL50031

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50030 ZARLINK-ZL50030 Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030 ZARLINK-ZL50030_06 Datasheet
675Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
MT90866 ZARLINK-MT90866 Datasheet
701Kb / 86P
   Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
logo
Cypress Semiconductor
CY7C131E CYPRESS-CY7C131E_13 Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
logo
Fujitsu Component Limit...
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
logo
Zarlink Semiconductor I...
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
MT90870 ZARLINK-MT90870 Datasheet
2Mb / 86P
   Flexible 12 k Digital Switch (F12kDX)
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com