Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2CN Datasheet(PDF) 3 Page - Fox Electronics

Part # T2CN
Description  2.5x2.0mm C-Sine TCXO/VCTCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

T2CN Datasheet(HTML) 3 Page - Fox Electronics

  T2CN Datasheet HTML 1Page - Fox Electronics T2CN Datasheet HTML 2Page - Fox Electronics T2CN Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2.5x2.0mm C-Sine TCXO/VCTCXO
T2CN/T2CV
(Former FOX922 series)
DATASHEET
Page 3 of 3
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: T2CN/T2CV SERIES STANDARD SPECIFICATIONS
Drawing Number: T2CN_T2CV-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 09/25/2019
Tape Specifications (millimeters)
Reel Specifications (millimeters)
A
B
C
D
E
F
Reel Qty
G
H
I
J
K
L
M
Ø1.5
4.0
4.0
3.5
8.0
1.4
-T3 = 3,000
-T2 = 2,000
-T1 = 1,000
2.5
Ø13
Ø20.2
Ø60
Ø180
9.0
1.4
Available Options & Part Identification for TCXO Model T2CN/T2CV1
F T2CN B P K 26.0
F
T2CN
B
P
K
26.0
FOX
Model Number
Voltage
Stability
Operating Temperature
Frequency (MHz)
B = +3.3V±5%
D = +3.0V±5%
Q = +2.8V±5%
S = +2.7V±5%
H = +2.5V±5%
K = +1.8V±5%
T = ±1.0 PPM
S = ±1.5 PPM
R = ±2.0 PPM
P = ±2.5 PPM
K = -30 to +85ºC
M = -40 to +85ºC
1 Not all frequencies in the frequency range, or every combination of stability, temp range, and voltage available. See stabilities/operating temp table.
Corporate
Headquarters
5570 Enterprise Parkway
Fort Myers, FL 33905
http://www.FOXONLINE.com
Sales
1-888-GET-2-FOX (1-888-438-2369) or
1-239-693-0099
http://www.FOXONLINE.com/repdisty
Tech Support
http://www.FOXONLINE.com/email
PRODUCT USE: Fox Electronics reserves the right to modify the products and/or specifications described herein at any time and at Fox Electronics' sole
discretion. All information in this document, including descriptions of product features and performance, is subject to change without notice. Performance
specifications and the operating parameters of the described products are determined in the independent state and are not guaranteed to perform the same
way when installed in customer products. The information contained herein is provided without representation or warranty of any kind, whether express or
implied, including, but not limited to, the suitability of Fox Electronics' products for any particular purpose, an implied warranty of merchantability, or non-
infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual
property rights of Fox Electronics or any third parties.
Fox Electronics' products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices
where the failure or malfunction of a Fox Electronics product can be reasonably expected to significantly affect the health or safety of users. Anyone using
a Fox Electronics product in such a manner does so at their own risk, absent an express, written agreement by Fox Electronics.
Fox Electronics and the Fox logo are registered trademarks of Fox Electronics. Product specification is subject to change without notice. Other
trademarks and service marks used herein, including protected names, logos and designs, are the property of Fox Electronics or their respective third-
party owners.


Similar Part No. - T2CN

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
T2C1-1SUB EVERLIGHT-T2C1-1SUB Datasheet
111Kb / 9P
   5 mm Round White LED (T-13/4)
T2C1-1UWA EVERLIGHT-T2C1-1UWA Datasheet
227Kb / 7P
   The series is designed for application required high luminous intensity
T2C2-1SUB EVERLIGHT-T2C2-1SUB Datasheet
107Kb / 8P
   5 mm Round White LED (T-13/4)
T2C2-1TVB EVERLIGHT-T2C2-1TVB Datasheet
109Kb / 9P
   5 mm Round White LED (T-13/4)
T2C3-1PSB EVERLIGHT-T2C3-1PSB Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
More results

Similar Description - T2CN

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
T2GN FOX-T2GN Datasheet
188Kb / 3P
   2.5x2.0mm C-Sine GPS TCXO/VCTCXO
T5CN FOX-T5CN Datasheet
241Kb / 2P
   5.0x3.2mm C-Sine TCXO/VCTCXO
T3AN FOX-T3AN Datasheet
188Kb / 2P
   3.2x2.5mm C-Sine TCXO/VCTCXO
T3CN FOX-T3CN Datasheet
173Kb / 2P
   3.2x2.5mm C-Sine TCXO/VCTCXO
T3GN FOX-T3GN Datasheet
185Kb / 2P
   3.2x2.5mm C-Sine GPS TCXO/VCTCXO
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
   Clipped Sine Wave TCXO/VCTCXO
07/10/2013
logo
Fox Electronics
FOX923 FOX-FOX923_09 Datasheet
165Kb / 1P
   1.8V~3.3V, Clipped SINE, SMD TCXO/VCTCXO
T2HD FOX-T2HD Datasheet
162Kb / 2P
   2.5x2.0mm HCMOS TCXO
logo
MTRONPTI
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
   2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
M60641HSN MTRONPTI-M60641HSN Datasheet
882Kb / 2P
   2.0 x 2.5 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com