Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TRH160A Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part No. TRH160A
Description  160W SWITCHING ADAPTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TRH160A Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  TRH160A Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TRH160A Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.cincon.com/
REVISION: February 07, 2020 V11
1
TRH160ASERIES
160W SWITCHING
ADAPTER
Features
* IEC320/C14 Compact Size
* Universal Input: 90~264Vac
* Over Voltage Protection
* Continuous Short Circuit Protection
* No Load Power Consumption<150mW
* Very Low Leakage Current <90uA
* Meet IEC/EN 60335-1
* Approved IEC/EN/UL62368-1
* Meets CoC Tier 2 & DoE Level VI
* CE EN55032 Class B & CISPR/FCC Class B
(12V: Output Cable Length ≦ 950mm, DIN Power Plug)
(24V: Output Cable Length ≦ 1220mm, DC Jack)
(28V~56V: Output Cable Length ≦ 1800mm, DC Jack)
Ordering information
TRH160AXXX
-XX
X
XX
Model No.
DC Plug Type
OVP
DC Cable Length and Type
E: with OVP
471:950mm with Ferrite Core
12:1220mm with Ferrite Core
13:1800mm with Ferrite Core
*UL2464 Cable For all models
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE &
NOISE
NOTE 1
VOLTAGE
ACCURACY
NOTE 2
LINE
REGULATION
NOTE3
LOAD
REGULATION
NOTE4
EFFICENTY
TYP.
NOTE5
TRH160A120
12V
12.5A
1%
±2%
±1%
±4%
91%
TRH160A240
24V
6.66A
1%
±2%
±1%
±4%
92%
TRH160A280
28V
5.7A
1%
±2%
±1%
±4%
92%
TRH160A300
30V
5.31A
1%
±2%
±1%
±4%
92%
TRH160A360
36V
4.44A
1%
±2%
±1%
±4%
92%
TRH160A480
48V
3.33A
1%
±2%
±1%
±4%
93%
TRH160A560
56V
2.85A
1%
±2%
±1%
±4%
93%
Specifications are subject to change without notice.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn