Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMPA402DS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TMPA402DS
Description  6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TMPA402DS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TMPA402DS Datasheet HTML 1Page - List of Unclassifed Manufacturers TMPA402DS Datasheet HTML 2Page - List of Unclassifed Manufacturers TMPA402DS Datasheet HTML 3Page - List of Unclassifed Manufacturers TMPA402DS Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA402DS Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA402DS Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA402DS Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA402DS Datasheet HTML 8Page - List of Unclassifed Manufacturers TMPA402DS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Tai-1 Microelectronics
Preliminary
TMPA402DS
www.taimec.com.tw
/
www.class-d.com.tw
Rev.2.0
November 21, 2005
Copyright
©2005, Tai-1 Microelectronics Corp.
3
TERMINAL FUNCTIONS
TERMINAL
NAME
PIN NO
I/O
DESCRIPTION
AGND
5,10
Analog ground
AVDD
8
O
5-V analog power supply
HFRC
7
I
De-pop control
HFVDD
6
O
2.5-V Reference for convenience of single-ended input
INL
4
I
Negative differential input
INR
3
I
Positive differential input
OUTN
13,14
O
Negative output
OUTP
17,18
O
Positive output
PGND
15,16
Power ground
PVCC
11,12,19,20
Power supply for output MOS (8V to 15V)
VCC
1
High-voltage power supply (8V to 15V)
VDD
9
O
5-V Reference output(25-mA )
SD
2
I
Shutdown (Low valid)
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range unless otherwise noted(1)
In normal mode
-0.3V to 18V
V
Supply voltage, PVcc, Vcc
In shutdown mode
-0.3V to 18V
V
Input voltage, SD
-0.3V to Vcc+0.3V
V
Input voltage, INR, INL
-0.3V to 5V
V
Continuous total power dissipation
See package dissipation ratings
Operating free-air temperature, TA
-20 to 85
。C
Operating junction temperature, TJ
-20 to 150
。C
Storage temperature, Tstg
-40 to 150
。C
(1) Stresses beyond those listed under
”absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
“is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VCC
PVCC, VCC
8
15
V
High-level input voltage, VIH
SD
2.0
V
Low-level input voltage, VIL
SD
0.8
V
Operating free-air temperature, TA
-20
85
。C
PACKAGE DISSIPATION RATINGS
PACKGE
DERATING
FACTOR
TA
25。C
POWER RATING
TA = 70。C
POWER RATING
TA = 85。C
POWER RATING
TSSOP20(FD)
30 mW/。C
3.75W
2.4W
1.95W
PDF created with pdfFactory trial version www.pdffactory.com


Similar Part No. - TMPA402DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
TAI-TECH Advanced Elect...
TMPA404010S-100MN-R32 TAI-TECH-TMPA404010S-100MN-R32 Datasheet
185Kb / 2P
   SMD Power Inductor
More results

Similar Description - TMPA402DS

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2607 ANPEC-APA2607 Datasheet
571Kb / 26P
   6W Stereo Class-D Audio Power Amplifier
APA2613 ANPEC-APA2613 Datasheet
473Kb / 25P
   6W Stereo Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8209 LYONTEK-LY8209_13 Datasheet
721Kb / 17P
   3.3W/CH Stereo Class D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA420DS ETC2-TMPA420DS Datasheet
356Kb / 14P
   15W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
TMPA218DS ETC2-TMPA218DS Datasheet
218Kb / 13P
   3.5W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8209 LYONTEK-LY8209_17 Datasheet
827Kb / 18P
   3.3W/CH Stereo Class D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA2155DS ETC1-TMPA2155DS Datasheet
355Kb / 14P
   2.7W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AAT5102 SKYWORKS-AAT5102 Datasheet
3Mb / 19P
   2.5W-Ch Stereo Class D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2117 ISSI-IS31AP2117 Datasheet
282Kb / 9P
   8W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA2156D2 ETC1-TMPA2156D2 Datasheet
222Kb / 13P
   0.73W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com