Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62253FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M62253FP
Description  LITHIUM ION BATTERY CHARGER CONTROL IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62253FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M62253FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62253FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62253FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62253FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62253FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUBISHI(Dig.Ana.INTERFACE)
M62253FP
LITHIUM ION BATTERY CHARGER CONTROL IC
PRELIMINALY
PRELIMINALY
Notices;This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
(
/ 5 )
OUT pin saturation voltage
Symbol
Parameter
Test conditions
Ratings
Unit
Vcc
Supply voltage
16
OUT pin output current
SENSE pin voltage
TIN pin voltage
Power dissipation
Thermal derating
Operating temperature
Storage temperature
30
Vcc
Vcc
450
4.5
-20 to +85
Ta = 25°C
Ta = 25°C
IOUT
VSENSE
TIN
Pd
Ktheata
Topr
Tstg
ELECTRICAL CHARACTERISTICS
Unit
Limit
TYP
MAX
MIN
Test condition
Parameter
Symbol
Vcc
Supply voltage range
Icc
circuit current
LED
IoutLED1
IoutLED2
LED2 pin output current
TIN
VTHINTH1
IinTIN
TIN pin input current
6.0
15
V
mA
7
0.410
-1.0
1.0
V
ISET1
ISET2
Charge current set voltage 2
2.6V
≤ battery voltage≤3.0V
250
mV
mV
ABSOLUTE MAXIMUM RATING
LED OFF
VTHINTL1
2.050
TIN pin low side threshold
voltage 1
mA
mA
10
10
VTHchgon
Charge start voltage
2.6
V
VTHqchgon Fast charge start voltage
3.0
V
4.09
V
VTHqchgoff Const current charge
stop voltage
Vochg1
VTHrchgon Recharge start voltage
3.9
V
OUT
25
ITHchgoff
Charge complete
detect voltage
mV
25
Const voltage charge time
IINSENSE+
µA
µA
IINSENSE- SENSE- pin input current
VOHLED1
VOHLED2
LED2 pin output "H"
voltage
V
V
Vochg2
Output voltage set2
4.10
2.55
V
V
Charge time
Charge complete time
IOUT=20mA
VOHOUT
ILOUT
OUT pin leak current
VC=15V
1.0
µA
(Ta=25°C unless otherwise noted)
(Vcc=8.5V,Vref=4.10V,VSENSE=3.6V,Ta=25°C, unless otherwise noted)
VDD VDD
VDD pin output voltage
5.00
4.75
5.25
2.7
2.5
2.9
3.1
235
4.06
3.8
15
15
4.07
2.45
265
4.12
4.0
35
35
4.13
2.65
60
85
60
85
8
8
12
12
2.5
2.5
0.398
0.422
1.989
2.112
µA
VTHINTH2
VTHINTL2
TIN pin low side threshold
voltage 2
2.0
C1
C2
C3
tdC1
Recharge time@C1= 2.2µ F
1.52
s
Voltage detect delay time
1.20
0.88
tdBDET1
4.1V output time C2= 2.2µ F
1.63
s
1.30
0.95
tdBDET2
2.55V output timeC2= 2.2µ F
152
ms
Connect detect time 2
120
88
tdIDET
C2= 2.2µF
1.65
s
Current detect delay time
1.30
0.95
tdILED
C2= 2.2µF
3.2
s
LED switching delay time
2.5
1.8
tdchg
C2= 2.2µF(After current detect)
ms
Discharge time
90
30
tdC3
C3= 0.1µF
ms
Temperature
detect delay time
50
V
V
mA
V
V
mW
mW/°C
°C
°C
-40 to +125
Connect detect time 1
TIN pin up side threshold
voltage 2
TIN pin up side threshold
voltage 1
LED1 pin output "H"
voltage
LED1 pin output current
SENSE+ pin input current
Charge current set voltage 1
Output voltage set1
Charge complete time
3.0V
≤ battery voltage≤4.1V
Charge time
Charge time
3
0.400
1.860
0.388
0.412
1.804
1.916
36
64
Resistance ratio(R1/R2)
*in the block diagram
Resistance ratio(R1/R2)
*in the block diagram


Similar Part No. - M62253FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62253AGP MITSUBISHI-M62253AGP Datasheet
200Kb / 10P
   Charge Control IC for Li-Ion Batteries
logo
Renesas Technology Corp
M62253AGP RENESAS-M62253AGP Datasheet
4Mb / 11P
   Charge Control IC for Li-Ion Batteries
M62253BGP RENESAS-M62253BGP Datasheet
257Kb / 13P
   Charge Control IC for Li-Ion Batteries
More results

Similar Description - M62253FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3324 MITSUMI-MM3324 Datasheet
94Kb / 12P
   Lithium-Ion Secondary Battery Charge Control IC for AC Charger
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com