Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TRH25050 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part No. TRH25050
Description  25W SWITCHING ADAPTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TRH25050 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  TRH25050 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TRH25050 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V12
2
Specifications
TRH25
Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 90~264Vac
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current ………………….……………................... 0.7A max.
Inrush Current ………………….……………................... 60A max. @240Vac
Conducted EMI …………………………….…………... CISPR/FCC Class B
Leakage Current …………………………………………………. 0.25mA max.
OUTPUT SPECIFICATIONS:
Holdup Time ……………………………………………… 10ms typ. @115Vac
Short Circuit Protection …………….…………… Continuous(Auto Recovery)
Over Voltage Protection ………………. ............... TVS Component to Clamp
Temperature Coefficient ……………………............................… ±0.05%/℃
GENERAL SPECIFICATIONS:
SAFETY AND EMC:
Isolation ………………………………….…..…… Input to output = 4,242VDC
Emission and lmmunity ……….… EN55022 Class B, FCC Part 15 Class B
Operating Temperature .................................. -20~60℃(see derating curve)
EN61000-6-3, EN61000-3-2, EN61000-3-3
Storage Temperature ………………….…………...….......……........ -20~85℃
EN55024, EN61204-3, EN61000-6-1
Humidity …………………...….......…........... 93% RH max. Non condensing
Safety ……………………… Class II, IEC60950-1, EN60950-1, UL60950-1
Cooling ………………………………….………………….. Natural Convection
NOTE:
Switching Frequency ………………………….……………….. 67KHz typ.
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
MTBF …….… MIL-HDBK-217F, GB, 25℃/115VAC ……… 425Khrs min.
Ripple & Noise measuring @20MHz BW.
Altitude …………………………………………………………………… 2000m
2. Voltage setpoint at 60% full load.
Dimensions ……….….. 2.835x2.047x1.378Inches (72.00x52.00x35.00mm)
3. Line regulation measured from 100Vac to 240Vac, full load.
Weight ………………………………………………….…… 140g(0.31 Pounds)
4. Load regulation measured from 60% to 100% full load and from 60% to
20% load (60% +/- 40% full load).
Mechanical Specification
M illimeters:X.XX±0.5
T olerance:Inches:X.XXX±0.02
A ll Dimensions are in inches(mm )
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
0%
25%
50%
75%
100%
-20
-10
0
10
20
30
40
50
60
Ambient Temperature(oC)
20LFM(Natural Convection)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn