Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-333Y-HJ300 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HDSP-333Y-HJ300
Description  7.62 mm (0.3 inch) General Purpose Seven-Segment Display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-333Y-HJ300 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HDSP-333Y-HJ300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-333Y-HJ300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-333Y-HJ300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-333Y-HJ300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-333Y-HJ300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-333Y-HJ300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-333Y-HJ300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-333Y-HJ300 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-333Y-HJ300 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Electrical/Optical Characteristics at TA = 25˚C
High Efficiency Red (HER)
Devices
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment
IV
1.15
mcd
IF = 5 mA
0.8
1.80
mcd
IF = 10 mA
Forward Voltage
VF
2.05
2.40
V
IF = 20 mA
Peak Wavelength
λPEAK
635
nm
Dominant Wavelength
λd
620
nm
Reverse Voltage
VR
5
V
IR = 100 µA
Green
Devices
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment
IV
0.8
2.00
mcd
IF = 10 mA
Forward Voltage
VF
2.07
V
IF = 10 mA
1.80
2.25
2.60
V
IF = 20 mA
Peak Wavelength
λPEAK
568
nm
Dominant Wavelength
λd
573
nm
Reverse Voltage
VR
5
V
IR = 100 µA
Absolute Maximum Ratings at TA = 25˚C
Description
HER
Green
AlGaAs Red
Yellow
HDSP-33xE
HDSP-33xG
HDSP-33xA
HDSP-33xY
Units
Power Dissipation Segment
65
65
30
52
mW
Forward Current Segment
25[1]
25[2]
15[3]
20[4]
mA
Peak Forward Current per Segment
100
100
80
80
mA
(1/10 Duty Factor at 10 kHz)
Operating Temperature Range
–35 to +85
–35 to +85
–35 to +85
–35 to +85
˚C
Storage Temperature Range
–35 to +85
–35 to +85
–35 to +85
–35 to +85
˚C
Reverse Voltage per Segment or DP
5
5
5
5
V
Wave Soldering Temperature for 3 Seconds
250
250
250
250
˚C
(at 2 mm Distance from the Body)
Notes:
1. Derate above 25˚C at 0.33 mA/˚C.
2. Derate above 25˚C at 0.33 mA/˚C.
3. Derate above 25˚C at 0.2 mA/˚C.
4. Derate above 25˚C at 0.27 mA/˚C.
331G
333G
334G
331E
332E
333E
334E


Similar Part No. - HDSP-333Y-HJ300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-333Y AVAGO-HDSP-333Y Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-333Y AVAGO-HDSP-333Y Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results

Similar Description - HDSP-333Y-HJ300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-331E AVAGO-HDSP-331E_12 Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-511X HP-HDSP-511X Datasheet
353Kb / 10P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
Lite-On Technology Corp...
LTS-312AG LITEON-LTS-312AG Datasheet
112Kb / 5P
   The LTS-312AG is a 0.3-inch (7.62-mm) digit height single digit seven-segment display
logo
Agilent(Hewlett-Packard...
HP5082-7740 HP-HP5082-7740 Datasheet
311Kb / 8P
   7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-311X AVAGO-HDSP-311X Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com