Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLITE35F2B6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7FLITE35F2B6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
Download  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE35F2B6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7FLITE35F2B6 Datasheet HTML 6Page - STMicroelectronics ST7FLITE35F2B6 Datasheet HTML 7Page - STMicroelectronics ST7FLITE35F2B6 Datasheet HTML 8Page - STMicroelectronics ST7FLITE35F2B6 Datasheet HTML 9Page - STMicroelectronics ST7FLITE35F2B6 Datasheet HTML 10Page - STMicroelectronics ST7FLITE35F2B6 Datasheet HTML 11Page - STMicroelectronics ST7FLITE35F2B6 Datasheet HTML 12Page - STMicroelectronics ST7FLITE35F2B6 Datasheet HTML 13Page - STMicroelectronics ST7FLITE35F2B6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 167 page
background image
ST7LITE3
10/167
Legend: x=undefined, R/W=read/write
Notes:
1. The contents of the I/O port DR registers are readable only in output configuration. In input configura-
tion, the values of the I/O pins are returned instead of the DR register contents.
2. The bits associated with unavailable pins must always keep their reset value.
3. For a description of the DM registers, see the ST7 ICC Reference Manual.
0031h
0032h
0033h
SPI
SPIDR
SPICR
SPICSR
SPI Data I/O Register
SPI Control Register
SPI Control Status Register
xxh
0xh
00h
R/W
R/W
R/W
0034h
0035h
0036h
ADC
ADCCSR
ADCDRH
ADCDRL
A/D Control Status Register
A/D Data Register High
A/D control and Data Register Low
00h
xxh
x0h
R/W
Read Only
R/W
0037h
ITC
EICR
External Interrupt Control Register
00h
R/W
0038h
MCC
MCCSR
Main Clock Control/Status Register
00h
R/W
0039h
003Ah
Clock and
Reset
RCCR
SICSR
RC oscillator Control Register
System Integrity Control/Status Register
FFh
0000 0XX0h
R/W
R/W
003Bh
Reserved area (1 byte)
003Ch
ITC
EISR
External Interrupt Selection Register
00h
R/W
003Dh to
003Fh
Reserved area (3 bytes)
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
LINSCI
(LIN Mas-
ter/Slave)
SCISR
SCIDR
SCIBRR
SCICR1
SCICR2
SCICR3
SCIERPR
SCIETPR
SCI Status Register
SCI Data Register
SCI Baud Rate Register
SCI Control Register 1
SCI Control Register 2
SCI Control Register 3
SCI Extended Receive Prescaler Register
SCI Extended Transmit Prescaler Register
C0h
xxh
00xx xxxxb
xxh
00h
00h
00h
00h
Read Only
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0048h
Reserved area (1 byte)
0049h
004Ah
AWU
AWUPR
AWUCSR
AWU Prescaler Register
AWU Control/Status Register
FFh
00h
R/W
R/W
004Bh
004Ch
004Dh
004Eh
004Fh
0050h
DM3)
DMCR
DMSR
DMBK1H
DMBK1L
DMBK2H
DMBK2L
DM Control Register
DM Status Register
DM Breakpoint Register 1 High
DM Breakpoint Register 1 Low
DM Breakpoint Register 2 High
DM Breakpoint Register 2 Low
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
0051h to
007Fh
Reserved area (47 bytes)
Address
Block
Register
Label
Register Name
Reset Status
Remarks
1


Similar Part No. - ST7FLITE35F2B6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7FLITE-SK/RAIS STMICROELECTRONICS-ST7FLITE-SK/RAIS Datasheet
1Mb / 125P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7FLITE-SK/RAIS STMICROELECTRONICS-ST7FLITE-SK/RAIS Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
ST7FLITE-SK/RAIS2 STMICROELECTRONICS-ST7FLITE-SK/RAIS2 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FLITE02 STMICROELECTRONICS-ST7FLITE02 Datasheet
1Mb / 125P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7FLITE02 STMICROELECTRONICS-ST7FLITE02 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results

Similar Description - ST7FLITE35F2B6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
ST7FLIT15BF1M6 STMICROELECTRONICS-ST7FLIT15BF1M6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com