Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLITE30F2M6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST7FLITE30F2M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
Download  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE30F2M6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST7FLITE30F2M6 Datasheet HTML 2Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 3Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 4Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 5Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 6Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 7Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 8Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 9Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 167 page
background image
ST7LITE3
6/167
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
In/Output level: CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt, ana = analog
– Output:
OD = open drain, PP = push-pull
The RESET configuration of each pin is shown in bold which is valid as long as the device is in reset state.
Table 1. Device Pin Description
Pin
No.
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output
1
VSS
S
Ground
2
VDD
S
Main power supply
3
RESET
I/O CT
X
X
Top priority non maskable interrupt (active low)
4
PB0/AIN0/SS
I/O
CT
X
ei3
X
X
X
Port B0
ADC Analog Input 0 or SPI Slave Select
(active low)
Caution: No negative current injection
allowed on this pin. For details, refer to
section 13.2.2 on page 130
5
PB1/AIN1/SCK I/O
CT
X
X
X
X
Port B1
ADC Analog Input 1 or SPI Serial Clock
Caution: No negative current injection
allowed on this pin. For details, refer to
section 13.2.2 on page 130
6
PB2/AIN2/MISO I/O
CT
X
X
X
X
Port B2
ADC Analog Input 2 or SPI Master In/
Slave Out Data
7
PB3/AIN3/MOSI I/O
CT
X
ei2
X
X
X
Port B3
ADC Analog Input 3 or SPI Master Out
/ Slave In Data
8
PB4/AIN4/
CLKIN**
I/O
CT
X
X
X
X
X
Port B4
ADC Analog Input 4 or External clock
input
9
PB5/AIN5
I/O
CT
X
ei2
X
X
X
Port B5
ADC Analog Input 5
10 PB6/AIN6/RDI
I/O
CT
X
X
X
X
Port B6
ADC Analog Input 6 or LINSCI Input
11 PA7/TDO
I/O CT HS
X
X
X
X
Port A7
LINSCI Output
1


Similar Part No. - ST7FLITE30F2M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7FLITE-SK/RAIS STMICROELECTRONICS-ST7FLITE-SK/RAIS Datasheet
1Mb / 125P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7FLITE-SK/RAIS STMICROELECTRONICS-ST7FLITE-SK/RAIS Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
ST7FLITE-SK/RAIS2 STMICROELECTRONICS-ST7FLITE-SK/RAIS2 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FLITE02 STMICROELECTRONICS-ST7FLITE02 Datasheet
1Mb / 125P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7FLITE02 STMICROELECTRONICS-ST7FLITE02 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results

Similar Description - ST7FLITE30F2M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
ST7FLIT15BF1M6 STMICROELECTRONICS-ST7FLIT15BF1M6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com