Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6100260 Datasheet(PDF) 5 Page - Semikron International

Part # L6100260
Description  EVALUATION BOARD 4S SKYPER 32PRO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

L6100260 Datasheet(HTML) 5 Page - Semikron International

  L6100260 Datasheet HTML 1Page - Semikron International L6100260 Datasheet HTML 2Page - Semikron International L6100260 Datasheet HTML 3Page - Semikron International L6100260 Datasheet HTML 4Page - Semikron International L6100260 Datasheet HTML 5Page - Semikron International L6100260 Datasheet HTML 6Page - Semikron International L6100260 Datasheet HTML 7Page - Semikron International L6100260 Datasheet HTML 8Page - Semikron International L6100260 Datasheet HTML 9Page - Semikron International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Board 4s SKYPER™ 32PRO - Technical Explanations
5 / 12
2005-06-08 – Rev02
© by SEMIKRON
PIN Array
(not SKiiP® compatible)
Connector X20 (ODU FLAKAFIX 511.068.803.020)
Product information of suitable female connectors and
distributor
contact
information
is
available
at
e.g.
http://www.harting.com (part number 09 18 520 6 813).
PIN
Signal
Function
Specification
X20:01
IF_PWR_15P
Drive power supply
Stabilised +15V ±4%
X20:02
IF_PWR_GND
GND for power supply
X20:03
IF_PWR_15P
Drive power supply
Stabilised +15V ±4%
X20:04
IF_PWR_GND
GND for power supply
X20:05
IF_PWR_15P
Drive power supply
Stabilised +15V ±4%
X20:06
IF_PWR_GND
GND for power supply
X20:07
reserved
X20:08
IF_PWR_GND
GND for power supply
X20:09
IF_CMN_nHALT
Driver core status signal
(bidirectional signal with dominant
recessive behaviour)
Digital 15V logic;
LOW (dominant) = driver disabled;
HIGH (recessive) = ready to operate
X20:10
reserved
X20:11
reserved
X20:12
IF_CMN_GND
GND for signal IF_CMN_nHALT
X20:13
reserved
X20:14
reserved
X20:15
IF_HB_TOP
Switching signal input (TOP switch)
Digital 15 V logic; 10 kOhm impedance;
LOW = TOP switch off; HIGH = TOP
switch on
X20:16
IF_HB_BOT
Switching signal input (BOTTOM
switch)
Digital 15 V logic; 10 kOhm impedance;
LOW = BOT switch off; HIGH = BOT
switch on
X20:17
reserved
X20:18
IF_HB_GND
GND for signals IF_HB_TOP &
IF_HB_BOT
X20:19
reserved
X20:20
reserved


Similar Part No. - L6100260

ManufacturerPart #DatasheetDescription
logo
Semikron International
L6100261 SEMIKRON-L6100261 Datasheet
725Kb / 14P
   Board 4s SKYPER 32PRO R
More results

Similar Description - L6100260

ManufacturerPart #DatasheetDescription
logo
Semikron International
L6100261 SEMIKRON-L6100261 Datasheet
725Kb / 14P
   Board 4s SKYPER 32PRO R
L6100230 SEMIKRON-L6100230 Datasheet
1Mb / 13P
   EVALUATION BOARD 1 SKYPER 32PRO
L6100160 SEMIKRON-L6100160 Datasheet
337Kb / 9P
   EVALUATION BOARD 4S SKYPER 32
L6100240 SEMIKRON-L6100240 Datasheet
482Kb / 11P
   EVALUATION BOARD 2S SKYPER 32PRO
L6100250 SEMIKRON-L6100250 Datasheet
490Kb / 12P
   EVALUATION BOARD 3S SKYPER 32PRO
L6100200 SEMIKRON-L6100200 Datasheet
589Kb / 16P
   SKYPER 32PRO
L6100231 SEMIKRON-L6100231 Datasheet
660Kb / 12P
   Board 1 SKYPER 32PRO R
L6100251 SEMIKRON-L6100251 Datasheet
840Kb / 14P
   Board 3s SKYPER 32PRO R
L6100161 SEMIKRON-L6100161 Datasheet
459Kb / 12P
   Board 4s SKYPER 32 R
L6100241 SEMIKRON-L6100241 Datasheet
764Kb / 14P
   Board 2s SKYPER 32PRO R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com