Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HCT240A Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74HCT240A
Description  OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HCT240A Datasheet(HTML) 4 Page - Integral Corp.

  IN74HCT240A Datasheet HTML 1Page - Integral Corp. IN74HCT240A Datasheet HTML 2Page - Integral Corp. IN74HCT240A Datasheet HTML 3Page - Integral Corp. IN74HCT240A Datasheet HTML 4Page - Integral Corp. IN74HCT240A Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74HCT240A
4
AC ELECTRICAL CHARACTERISTICS(VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=6.0 ns)
Guaranteed Limit
Symbol
Parameter
25
°C
to
-55
°C
≤85°C
≤125
°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, A to YA or
B to YB (Figures 1 and 3)
20
25
30
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output
Enable to YA or YB (Figures 2 and 4)
28
35
42
ns
tPZH,
tPZL
Maximum Propagation Delay, Output
Enable to YA or YB (Figures 2 and 4)
25
31
38
ns
tTLH, tTHL Maximum Output Transition Time, Any
Output
(Figures 1 and 3)
12
15
18
ns
CIN
Maximum Input Capacitance
10
10
10
pF
COUT
Maximum
Three-State
Output
Capacitance
(Output in High-Impedance State)
15
15
15
pF
Power Dissipation Capacitance (Per
Enable Output)
Typical @25
°C,VCC=5.0
V
CPD
Used to determine the no-load dynamic
power
consumption:
PD=CPDVCC
2f+ICCVCC
55
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms


Similar Part No. - IN74HCT240A

ManufacturerPart No.DatasheetDescription
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74HCT240A IKSEMICON-IN74HCT240A Datasheet
219Kb / 6P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
IN74HCT240ADW IKSEMICON-IN74HCT240ADW Datasheet
219Kb / 6P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
IN74HCT240AN IKSEMICON-IN74HCT240AN Datasheet
219Kb / 6P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HCT240A

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74ACT240 INTEGRAL-IN74ACT240 Datasheet
184Kb / 4P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
System Logic Semiconductor
System Logic Semiconduc...
SL74HC240 SLS-SL74HC240 Datasheet
47Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
ON Semiconductor
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A Datasheet
180Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2000 ??Rev. 9
Motorola, Inc
Motorola, Inc
MC54-74HC240A MOTOROLA-MC54-74HC240A Datasheet
168Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
ON Semiconductor
ON Semiconductor
MC74HC240AF ONSEMI-MC74HC240AF Datasheet
152Kb / 9P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2011 ??Rev. 12
Motorola, Inc
Motorola, Inc
MC74HC204A MOTOROLA-MC74HC204A Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
ON Semiconductor
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A_14 Datasheet
115Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 11
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
MC74HC540A ONSEMI-MC74HC540A Datasheet
146Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 7
Integral Corp.
Integral Corp.
IN74HC240A INTEGRAL-IN74HC240A Datasheet
147Kb / 5P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz