Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X7R2E333MT Datasheet(PDF) 7 Page - TDK Electronics

Part # C3225X7R2E333MT
Description  Ceramic Capacitors For Mid Voltage SMD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3225X7R2E333MT Datasheet(HTML) 7 Page - TDK Electronics

  C3225X7R2E333MT Datasheet HTML 1Page - TDK Electronics C3225X7R2E333MT Datasheet HTML 2Page - TDK Electronics C3225X7R2E333MT Datasheet HTML 3Page - TDK Electronics C3225X7R2E333MT Datasheet HTML 4Page - TDK Electronics C3225X7R2E333MT Datasheet HTML 5Page - TDK Electronics C3225X7R2E333MT Datasheet HTML 6Page - TDK Electronics C3225X7R2E333MT Datasheet HTML 7Page - TDK Electronics C3225X7R2E333MT Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
• All specifications are subject to change without notice.
(7/8)
001-01 / 20020221 / e42144_c2012.fm
Ceramic Capacitors
C Series
For Mid Voltage
SMD
C4532 (EIA:CC1812) TYPE
CAPACITANCE RANGES:
CLASS 1 (TEMPERATURE COMPENSATION)
TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C)
RATED VOLTAGE Edc: 630V
RATED VOLTAGE Edc: 250V
RATED VOLTAGE Edc: 100V
CAPACITANCE RANGES:
CLASS 2
TEMPERATURE CHARACTERISTICS: X7R(±15%)
RATED VOLTAGE Edc:630V
RATED VOLTAGE Edc:250V
RATED VOLTAGE Edc:100V
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
8200
±5%
1.6±0.2
C4532C0G2J822J
±10%
1.6±0.2
C4532C0G2J822K
10000
±5%
1.6±0.2
C4532C0G2J103J
±10%
1.6±0.2
C4532C0G2J103K
15000
±5%
2.5±0.3
C4532C0G2J153J
±10%
2.5±0.3
C4532C0G2J153K
22000
±5%
3.2±0.3
C4532C0G2J223J
±10%
3.2±0.3
C4532C0G2J223K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
22000
±5%
1.6±0.2
C4532C0G2E223J
±10%
1.6±0.2
C4532C0G2E223K
33000
±5%
2.0±0.2
C4532C0G2E333J
±10%
2.0±0.2
C4532C0G2E333K
47000
±5%
3.2±0.3
C4532C0G2E473J
±10%
3.2±0.3
C4532C0G2E473K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
47000
±5%
2.0±0.2
C4532C0G2A473J
±10%
2.0±0.2
C4532C0G2A473K
68000
±5%
2.5±0.3
C4532C0G2A683J
±10%
2.5±0.3
C4532C0G2A683K
100000
±5%
3.2±0.4
C4532C0G2A104J
±10%
3.2±0.4
C4532C0G2A104K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
68000
±10%
1.6±0.2
C4532X7R2J683K
±20%
1.6±0.2
C4532X7R2J683M
100000
±10%
2.3±0.2
C4532X7R2J104K
±20%
2.3±0.2
C4532X7R2J104M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
150000
±10%
1.6±0.2
C4532X7R2E154K
±20%
1.6±0.2
C4532X7R2E154M
220000
±10%
2.3±0.2
C4532X7R2E224K
±20%
2.3±0.2
C4532X7R2E224M
330000
±10%
2.3±0.2
C4532X7R2E334K
±20%
2.3±0.2
C4532X7R2E334M
470000
±10%
2.3±0.2
C4532X7R2E474K
±20%
2.3±0.2
C4532X7R2E474M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
680000
±10%
2.3±0.2
C4532X7R2A684K
±20%
2.3±0.2
C4532X7R2A684M
1000000
[1µF]
±10%
2.3±0.2
C4532X7R2A105K
±20%
2.3±0.2
C4532X7R2A105M
M tolerance is standard for Mid Voltage X7R capacitors.
• For more information about products with other capacitance or other data,
please contact us.


Similar Part No. - C3225X7R2E333MT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X7R2E103M TDK-C3225X7R2E103M Datasheet
65Kb / 5P
   Multilayer Ceramic Chip Capacitors
C3225X7R2E104K TDK-C3225X7R2E104K Datasheet
132Kb / 1P
   All specifications are subject to change without notice
C3225X7R2E104K200AA TDK-C3225X7R2E104K200AA Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C3225X7R2E104K200AA TDK-C3225X7R2E104K200AA_17 Datasheet
238Kb / 3P
   Multilayer Ceramic Chip Capacitors
C3225X7R2E104K200AE TDK-C3225X7R2E104K200AE Datasheet
1Mb / 12P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C3225X7R2E333MT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CC45SL3JD150JYNN TDK-CC45SL3JD150JYNN Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
CK45-B3AD101KYNN TDK-CK45-B3AD101KYNN Datasheet
38Kb / 2P
   Mid-high Voltage Ceramic Capacitors
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
TDK Electronics
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
logo
Panasonic Semiconductor
ECK-T3A471KB PANASONIC-ECK-T3A471KB Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
ECCT3H050DGM PANASONIC-ECCT3H050DGM Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
logo
TDK Electronics
C1005CH1H100D TDK-C1005CH1H100D Datasheet
190Kb / 7P
   Ceramic Capacitors For General Use SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com