Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR3M Datasheet(PDF) 2 Page - Semikron International

Part # FR3M
Description  Fast silicon rectifier diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

FR3M Datasheet(HTML) 2 Page - Semikron International

  FR3M Datasheet HTML 1Page - Semikron International FR3M Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 1 Forward characteristic ( typical values )
Fig. 2 Rated forward current vs. temp. of the terminals
4)
FR 3A ... FR 3M
2
03-05-2005 SCT
© by SEMIKRON


Similar Part No. - FR3M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR3M MCC-FR3M Datasheet
87Kb / 3P
   3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
DIYI Electronic Technol...
FR3M DYELEC-FR3M Datasheet
1Mb / 2P
   3.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Diotec Semiconductor
FR3M DIOTEC-FR3M Datasheet
165Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Zibo Seno Electronic En...
FR3M ZSELEC-FR3M Datasheet
122Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY DIODE
logo
Diotec Semiconductor
FR3M DIOTEC-FR3M Datasheet
105Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
More results

Similar Description - FR3M

ManufacturerPart #DatasheetDescription
logo
Semikron International
RGL1A SEMIKRON-RGL1A Datasheet
116Kb / 2P
   Fast silicon rectifier diodes
FR5A SEMIKRON-FR5A Datasheet
152Kb / 2P
   Fast silicon rectifier diodes
RGP30K SEMIKRON-RGP30K Datasheet
154Kb / 2P
   Fast silicon rectifier diodes
BA157 SEMIKRON-BA157 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
BA3060 SEMIKRON-BA3060 Datasheet
129Kb / 2P
   Fast silicon rectifier diodes
BY296 SEMIKRON-BY296 Datasheet
153Kb / 2P
   Fast silicon rectifier diodes
BY396 SEMIKRON-BY396 Datasheet
142Kb / 2P
   Fast silicon rectifier diodes
BY296 SEMIKRON-BY296_06 Datasheet
156Kb / 2P
   Fast silicon rectifier diodes
SA261 SEMIKRON-SA261_07 Datasheet
123Kb / 2P
   Fast silicon rectifier diodes
FR3SMBA SEMIKRON-FR3SMBA Datasheet
154Kb / 2P
   Fast silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com