Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IZ74HCT27A Datasheet(PDF) 4 Page - Integral Corp.

Part # IZ74HCT27A
Description  Triple 3-Input NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74HCT27A Datasheet(HTML) 4 Page - Integral Corp.

  IZ74HCT27A Datasheet HTML 1Page - Integral Corp. IZ74HCT27A Datasheet HTML 2Page - Integral Corp. IZ74HCT27A Datasheet HTML 3Page - Integral Corp. IZ74HCT27A Datasheet HTML 4Page - Integral Corp. IZ74HCT27A Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74HCT27A
4
INTEGRAL
AC ELECTRICAL CHARACTERISTICS (C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tPHL, tPLH
Maximum Propagation Delay (Figure 1)
4.5
24
31
37
ns
tTHL, tTLH
Maximum Output Transition Time
(Figure 1)
4.5
15
19
22
ns
CIN
Maximum Input Capacitance
5.0
10
10
10
pF
Power Dissipation Capacitance (Per Gate)
TA=25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
54
pF
Figure 1. Switching Waveforms
Figure 2. Test Circuit
V = 3 V
1
V = 1.3 V
2
Input
Output
0.1
0.1
0.1
0.1
0.9
0.9
0.9
0.9
t
PHL
t
f
t
T HL
t
PLH
t
r
t
TLH
V
2
V2
V
2
V2
0 V
GND
V
CC
V
1
PULSE
GENERATOR
DEVICE
UNDER
TEST
V
CC
V
I
V
O
C
50 pF
L
R
T
Termination resistance RT – should
be equal to ZOUT of pulse
generators


Similar Part No. - IZ74HCT27A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ74HCT21A INTEGRAL-IZ74HCT21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
More results

Similar Description - IZ74HCT27A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
logo
Motorola, Inc
SN54LS27 MOTOROLA-SN54LS27 Datasheet
122Kb / 4P
   TRIPLE 3-INPUT NOR GATE
logo
STMicroelectronics
M54HCT27 STMICROELECTRONICS-M54HCT27 Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com