Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75L03IV Datasheet(PDF) 60 Page - Exar Corporation

Part # XRT75L03IV
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L03IV Datasheet(HTML) 60 Page - Exar Corporation

Back Button XRT75L03IV Datasheet HTML 56Page - Exar Corporation XRT75L03IV Datasheet HTML 57Page - Exar Corporation XRT75L03IV Datasheet HTML 58Page - Exar Corporation XRT75L03IV Datasheet HTML 59Page - Exar Corporation XRT75L03IV Datasheet HTML 60Page - Exar Corporation XRT75L03IV Datasheet HTML 61Page - Exar Corporation XRT75L03IV Datasheet HTML 62Page - Exar Corporation XRT75L03IV Datasheet HTML 63Page - Exar Corporation XRT75L03IV Datasheet HTML 64Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
XRT75L03
REV. 1.0.4
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
57
0x0A
CR10
RUR
Source Level Interrupt Status Register - Channel 1
0x0B
CR11
R/O
Alarm Status Register - Channel 1
0x0C
CR12
R/W
Transmit Control Register - Channel 1
0x0D
CR13
R/W
Receive Control Register - Channel 1
0x0E
CR14
R/W
Channel Control Register - Channel 1
0x0F
CR15
R/W
Jitter Attenuator Control Register - Channel 1
CHANNEL 2 CONTROL REGISTERS
0x10
CR16
R/W
Reserved
0x11
CR17
R/W
Source Level Interrupt Enable Register - Channel
2
0x12
CR18
RUR
Source Level Interrupt Status Register - Channel 2
0x13
CR19
R/O
Alarm Status Register - Channel 2
0x14
CR20
R/W
Transmit Control Register - Channel 2
0x15
CR21
R/W
Receive Control Register - Channel 2
0x16
CR22
R/W
Channel Control Register - Channel 2
0x17
CR23
R/W
Jitter Attenuator Control Register - Channel 2
0x18 - 0x1F
Reserved
BLOCK LEVEL INTERRUPT ENABLE/STATUS REGISTERS (CHANNELS 0 - 2)
0x20
CR32
R/W
Block Level Interrupt Enable Register
0x21
CR33
R/O
Block Level Interrupt Status Register
0x22 - 0x3D
Reserved
Reserved
DEVICE IDENTIFICATION REGISTERS
0x3E
CR62
R/O
Device Part Number Register
0x3F
CR63
R/O
Chip Revision Number Register
TABLE 16: COMMAND REGISTER ADDRESS MAP, WITHIN THE XRT75L03 3-CHANNEL DS3/E3/STS-1 LIU W/ JITTER
ATTENUATOR IC
ADDRESS
COMMAND REGISTER
TYPE
REGISTER NAME


Similar Part No. - XRT75L03IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03DIV EXAR-XRT75L03DIV Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results

Similar Description - XRT75L03IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com