Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75L03IV Datasheet(PDF) 14 Page - Exar Corporation

Part # XRT75L03IV
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L03IV Datasheet(HTML) 14 Page - Exar Corporation

Back Button XRT75L03IV Datasheet HTML 10Page - Exar Corporation XRT75L03IV Datasheet HTML 11Page - Exar Corporation XRT75L03IV Datasheet HTML 12Page - Exar Corporation XRT75L03IV Datasheet HTML 13Page - Exar Corporation XRT75L03IV Datasheet HTML 14Page - Exar Corporation XRT75L03IV Datasheet HTML 15Page - Exar Corporation XRT75L03IV Datasheet HTML 16Page - Exar Corporation XRT75L03IV Datasheet HTML 17Page - Exar Corporation XRT75L03IV Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
XRT75L03
REV. 1.0.4
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
11
57
113
52
RNEG_0/LCV_0
RNEG_1/LCV_1
RNEG_2/LCV_2
O
Receive Negative Data Output/Line Code Violation Indicator -
Channel 0:
Receive Negative Data Output/Line Code Violation Indicator -
Channel 1:
Receive Negative Data Output/Line Code Violation Indicator -
Channel 2:
The function of these pins depends on whether the XRT75L03 is configured in
Single Rail or Dual Rail mode.
Dual-Rail Mode - Receive Negative Polarity Data Output
If the channel/device has been configured to operate in the Dual-Rail Mode,
then all negative-polarity data will be output via this output pin. The positive-
polarity data will be output via the corresponding RPOS_n output pin. In other
words, the Receive Section of the corresponding Channel will pulse this output
pin "High" for one period of RCLK_n anytime it receives a negative-polarity
pulse via the RTIP/RRING input pins.
The data that is output via this pin is updated upon a user-selectable edge of the
RCLK_n output clock signal.
Single-Rail Mode - Line Code Violation Indicator Output
If the channel/device has been configured to operate in the Single-Rail Mode,
then this particular output pin will function as the Line Code Violation indicator
output.
In this configuration, the Receive Section of the Channel will pulse this output
pin "High" for at least one RCLK period whenever it detects either an LCV (Line
Code Violation) or an EXZ (Excessive Zero Event).
The data that is output via this pin is updated upon a user-selectable edge of the
RCLK_n output clock signal.
56
114
51
RxClk_0
RxClk_1
RxClk_2
O
Receive Clock Output - Channel 0:
Receive Clock Output - Channel 1:
Receive Clock Output - Channel 2:
This output pin functions as the Receive or recovered clock signal. All Receive
(or recovered) data will output via the RPOS_n and RNEG_n outputs upon the
user-selectable edge of this clock signal.
Additionally, if the device/channel has been configured to operate in the Single-
Rail Mode, then the RNEG_n/LCV_n output pins will also be updated upon the
user-selectable edge of this clock signal.
75
95
84
REQEN_0
REQEN_1
REQEN_2
I
Receive Equalization Enable Input - Channel 0:
Receive Equalization Enable Input - Channel 1:
Receive Equalization Enable Input - Channel 2:
These input pins are used to either enable or disable the Receive Equalizer
block within the Receive Section of the corresponding channel.
"Low" - Disables the Receive Equalizer within the corresponding channel.
"High" - Enables the Receive Equalizer within the corresponding channel.
NOTES:
1.
For virtually all applications, it is recommend that this input pin be
pulled "High" and enable the Receive Equalizer.
2.
This input pin ignored and should be tied to GND if the XRT75L03
device has been configured to operate in the Host Mode.
3.
These input pins are internally pulled low.
SYSTEM-SIDE RECEIVE OUTPUT AND RECEIVE CONTROL PINS
PIN #SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75L03IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03DIV EXAR-XRT75L03DIV Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results

Similar Description - XRT75L03IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com