Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75L03 Datasheet(PDF) 70 Page - Exar Corporation

Part # XRT75L03
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L03 Datasheet(HTML) 70 Page - Exar Corporation

Back Button XRT75L03 Datasheet HTML 66Page - Exar Corporation XRT75L03 Datasheet HTML 67Page - Exar Corporation XRT75L03 Datasheet HTML 68Page - Exar Corporation XRT75L03 Datasheet HTML 69Page - Exar Corporation XRT75L03 Datasheet HTML 70Page - Exar Corporation XRT75L03 Datasheet HTML 71Page - Exar Corporation XRT75L03 Datasheet HTML 72Page - Exar Corporation XRT75L03 Datasheet HTML 73Page - Exar Corporation XRT75L03 Datasheet HTML 74Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
XRT75L03
REV. 1.0.4
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
67
1
Change of LOS
Condition Interrupt
Enable
R/W
0
Change of the Receive LOS (Loss of Signal) Defect
Condition Interrupt Enable - Ch 0:
This READ/WRITE bit-field is used to either enable or dis-
able the Change of the Receive LOS Defect Condition
Interrupt. If the user enables this interrupt, then the
XRT75L03 will generate an interrupt any time any of the
following events occur.
Whenever the Receive Section (within Channel 0)
declares the LOS Defect Condition.
Whenever the Receive Section (within Channel 0) clears
the LOS Defect condition.
0 - Disables the Change in the LOS Defect Condition Inter-
rupt.
1 - Enables the Change in the LOS Defect Condition Inter-
rupt.
0
Change of DMO
Condition Interrupt
Enable
R/W
0
Change of Transmit DMO (Drive Monitor Output) Con-
dition Interrupt Enable - Ch 0:
This READ/WRITE bit-field is used to either enable or dis-
able the Change of Transmit DMO Condition Interrupt. If
the user enables this interrupt, then the XRT75L03 will
generate an interrupt any time any of the following events
occur.
Whenever the Transmit Section toggles the DMO output
pin (or bit-field) to "1".
Whenever the Transmit Section toggles the DMO output
pin (or bit-field) to "0".
0 - Disables the Change in the DMO Condition Interrupt.
1 - Enables the Change in the DMO Condition Interrupt.
BIT NUMBER
NAME
TYPE
DEFAULT
VALUE
DESCRIPTION


Similar Part No. - XRT75L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03DIV EXAR-XRT75L03DIV Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results

Similar Description - XRT75L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com