Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75L03 Datasheet(PDF) 69 Page - Exar Corporation

Part # XRT75L03
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L03 Datasheet(HTML) 69 Page - Exar Corporation

Back Button XRT75L03 Datasheet HTML 65Page - Exar Corporation XRT75L03 Datasheet HTML 66Page - Exar Corporation XRT75L03 Datasheet HTML 67Page - Exar Corporation XRT75L03 Datasheet HTML 68Page - Exar Corporation XRT75L03 Datasheet HTML 69Page - Exar Corporation XRT75L03 Datasheet HTML 70Page - Exar Corporation XRT75L03 Datasheet HTML 71Page - Exar Corporation XRT75L03 Datasheet HTML 72Page - Exar Corporation XRT75L03 Datasheet HTML 73Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
XRT75L03
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
66
REGISTER DESCRIPTION - PER CHANNEL REGISTERS
TABLE 24: SOURCE LEVEL INTERRUPT ENABLE REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X01
Channel 1 Address Location = 0x09
Channel 2 Address Location = 0x11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
Change of FL
Condition
Interrupt Enable
Ch 0
Change of LOL
Condition
Interrupt Enable
Ch 0
Change of LOS
Condition
Interrupt Enable
Ch 0
Change of
DMO Condition
Interrupt Enable
Ch 0
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/W
0000
0
0
0
0
BIT NUMBER
NAME
TYPE
DEFAULT
VALUE
DESCRIPTION
7 - 4
Reserved
R/O
0
3
Change of FL
Condition Interrupt
Enable - Ch 0
R/W
0
Change of FL (FIFO Limit Alarm) Condition Interrupt
Enable - Ch 0:
This READ/WRITE bit-field is used to either enable or dis-
able the Change of FL Condition Interrupt. If the user
enables this interrupt, then the XRT75L03 will generate an
interrupt any time any of the following events occur.
Whenever the Jitter Attenuator (within Channel 0)
declares the FL (FIFO Limit Alarm) condition.
Whenever the Jitter Attenuator (within Channel 0) clears
the FL (FIFO Limit Alarm) condition.
0 - Disables the Change in FL Condition Interrupt.
1 - Enables the Change in FL Condition Interrupt.
2
Change of LOL
Condition Interrupt
Enable
R/W
0
Change of Receive LOL (Loss of Lock) Condition Inter-
rupt Enable - Channel 0:
This READ/WRITE bit-field is used to either enable or dis-
able the Change of Receive LOL Condition Interrupt. If the
user enables this interrupt, then the XRT75L03 will gener-
ate an interrupt any time any of the following events occur.
Whenever the Receive Section (within Channel 0)
declares the Loss of Lock Condition.
Whenever the Receive Section (within Channel 0) clears
the Loss of Lock Condition.
0 - Disables the Change in Receive LOL Condition Inter-
rupt.
1 - Enables the Change in Receive LOL Condition Inter-
rupt.


Similar Part No. - XRT75L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03DIV EXAR-XRT75L03DIV Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results

Similar Description - XRT75L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com