Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75L03 Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT75L03
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L03 Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT75L03 Datasheet HTML 45Page - Exar Corporation XRT75L03 Datasheet HTML 46Page - Exar Corporation XRT75L03 Datasheet HTML 47Page - Exar Corporation XRT75L03 Datasheet HTML 48Page - Exar Corporation XRT75L03 Datasheet HTML 49Page - Exar Corporation XRT75L03 Datasheet HTML 50Page - Exar Corporation XRT75L03 Datasheet HTML 51Page - Exar Corporation XRT75L03 Datasheet HTML 52Page - Exar Corporation XRT75L03 Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
XRT75L03
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
46
5.2
Clock and Data Recovery:
The Clock and Data Recovery Circuit extracts the embedded clock, RxClk_n from the sliced digital data stream
and provides the retimed data to the B3ZS (HDB3) decoder.
The Clock Recovery PLL can be in one of the following two modes:
TRAINING MODE:
In the absence of input signals at RTIP_n and RRing_n pins, or when the frequency difference between the
recovered line clock signal and the reference clock applied on the ExClk_n input pins exceed 0.5%, a Loss of
Lock condition is declared by toggling RLOL_n output pin “High” (in Hardware Mode) or setting the RLOL_n bit
to “1” in the control registers (in Host Mode). Also, the clock output on the RxClk_n pins are the same as the
reference clock channel.
FIGURE 18. INTERFERENCE MARGIN TEST SET UP FOR E3.
TABLE 9: INTERFERENCE MARGIN TEST RESULTS
MODE
CABLE LENGTH (ATTENUATION)INTERFERENCE TOLERANCE
E3
0 dB
Equalizer “IN”
-17 dB
12 dB
-14 dB
DS3
0 feet
-15 dB
225 feet
-15 dB
450 feet
-14 dB
STS-1
0 feet
-15 dB
225 feet
-14 dB
450 feet
-14 dB
Attenuator 1
N
S
Sine Wave
Generator
17.184mHz
Signal Source
223-1 PRBS
Attenuator 2
Test
Equipment
DUT
(XRT75L03)
Cable Simulator


Similar Part No. - XRT75L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L03DIV EXAR-XRT75L03DIV Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results

Similar Description - XRT75L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com