Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC25BS6 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC25BS6
Description  Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS6 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC25BS6 Datasheet HTML 1Page - Torex Semiconductor XC25BS6 Datasheet HTML 2Page - Torex Semiconductor XC25BS6 Datasheet HTML 3Page - Torex Semiconductor XC25BS6 Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
XC25BS6 Series
Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
Preliminary
WIRE BONDING CONNECTION
TYPICAL APPLICATION CIRCUIT
* Please use oscillation capacitors Cg, Cd =10pF externally
* The same power supply can be used for VDD and CE.
NOTES ON USE
(1) The oscillation circuit of this IC does not have internal oscillation capacitors.
Please make the oscillation circuitry using an external crystal transducer and oscillation capacitors Cg and Cd.
*) A higher harmonic wave oscillation may occur without Cg and Cd.
*) Cg and Cd can be connected either to GND or VDD. (Cg and Cd in the above circuit example are connected to GND.)
*) It is recommended to use around for 10pF of Cg and Cd. For trimmer capacitors, 10pF as a standard value is appropriate.
*) The crystal oscillation frequency should be measured at the output of the Q0 pin.
When a probe is directly connected to the XT pin or the /XT pin, oscillation frequency will change and a precise value can not be taken.
(2) Please insert a by-pass capacitor of 0.1
µF between VDD and GND.
(3) The use of a matching resistor Rq0 of 50
Ω connected in series to the Q0 pin is recommended in order to counter unwanted radiations.
(5) When the CE pin is not controlled by external signals, please connect the CE pin to VDD power supply.
*) When the CE pin is not connected, the IC goes into stand-by mode due to the internal pull-down resistor.
(6) As for the supply voltage, it is recommended to apply a low noise power supply, such as a series regulator. Using a power supply like a switching
regulator might lead to an unstable oscillation jitter which in turn may lead the oscillation frequency to fluctuate due to the ripple of the switching
regulator.
(4) Please place a by-pass capacitor and the matching resistor as close to the IC as possible. If the by-pass capacitor is placed away from the IC, it
may cause abnormal oscillation. If the matching resistor is placed away from the IC, it may cause unwanted radiations in the pattern between the
Q0 pin and the resistor.
* There are two VSS pads and VDD pads.
Please connect both VSS pads to GND, and connect both VDD pads to a power supply.
Semiconductor Ltd.
VDD
Q0
CE
XT
/XT
VSS
VSS
VDD
(NC)
fQ0 measurement
VDD
/XT
XT
VSS
Q0
CE
Cg
Cd
Rq0
0.1uF
Data Sheet
3


Similar Part No. - XC25BS6

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS6 TOREX-XC25BS6 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6128CL TOREX-XC25BS6128CL Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6128CR TOREX-XC25BS6128CR Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6128CT TOREX-XC25BS6128CT Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6128CW TOREX-XC25BS6128CW Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
More results

Similar Description - XC25BS6

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8_1 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Texas Instruments
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
[Old version datasheet]   Crystal Oscillator / Clock Generator with optional SSC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com