Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX04-1VQ100M Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # A42MX04-1VQ100M
Description  40MX and 42MX FPGA Families
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A42MX04-1VQ100M Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button A42MX04-1VQ100M Datasheet HTML 5Page - List of Unclassifed Manufacturers A42MX04-1VQ100M Datasheet HTML 6Page - List of Unclassifed Manufacturers A42MX04-1VQ100M Datasheet HTML 7Page - List of Unclassifed Manufacturers A42MX04-1VQ100M Datasheet HTML 8Page - List of Unclassifed Manufacturers A42MX04-1VQ100M Datasheet HTML 9Page - List of Unclassifed Manufacturers A42MX04-1VQ100M Datasheet HTML 10Page - List of Unclassifed Manufacturers A42MX04-1VQ100M Datasheet HTML 11Page - List of Unclassifed Manufacturers A42MX04-1VQ100M Datasheet HTML 12Page - List of Unclassifed Manufacturers A42MX04-1VQ100M Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 123 page
background image
40MX and 42MX FPGA Families
v6.0
1-3
A42MX24 and A42MX36 devices contain D-modules,
which are arranged around the periphery of the device.
D-modules contain wide-decode circuitry, providing a
fast, wide-input AND function similar to that found in
CPLD architectures (Figure 1-4). The D-module allows
A42MX24 and A42MX36 devices to perform wide-
decode functions at speeds comparable to CPLDs and
PALs. The output of the D-module has a programmable
inverter for active HIGH or LOW assertion. The D-module
output is hardwired to an output pin, and can also be
fed back into the array to be incorporated into other
logic.
Dual-Port SRAM Modules
The A42MX36 device contains dual-port SRAM modules
that
have
been
optimized
for
synchronous
or
asynchronous applications. The SRAM modules are
arranged in 256-bit blocks that can be configured as 32x8
or 64x4. SRAM modules can be cascaded together to
form memory spaces of user-definable width and depth.
A block diagram of the A42MX36 dual-port SRAM block
is shown in Figure 1-5.
The A42MX36 SRAM modules are true dual-port
structures containing independent read and write ports.
Each SRAM module contains six bits of read and write
addressing (RDAD[5:0] and WRAD[5:0], respectively) for
64x4-bit blocks. When configured in byte mode, the
highest order address bits (RDAD5 and WRAD5) are not
used. The read and write ports of the SRAM block
contain independent clocks (RCLK and WCLK) with
programmable polarities offering active HIGH or LOW
implementation. The SRAM block contains eight data
inputs (WD[7:0]), and eight outputs (RD[7:0]), which are
connected to segmented vertical routing tracks.
The A42MX36 dual-port SRAM blocks provide an optimal
solution for high-speed buffered applications requiring
FIFO and LIFO queues. The ACTgen Macro Builder within
Actel's Designer software provides capability to quickly
design memory functions with the SRAM blocks. Unused
SRAM blocks can be used to implement registers for
other user logic within the design.
Figure 1-4 • A42MX24 and A42MX36 D-Module
Implementation
7 Inputs
Hard-Wire to I/O
Feedback to Array
Programmable
Inverter
Figure 1-5 • A42MX36 Dual-Port SRAM Block
SRAM Module
32 x 8 or 64 x 4
(256 Bits)
Read
Port
Logic
Write
Port
Logic
RD[7:0]
Routing Tracks
Latches
Read
Logic
[5:0]
RDAD[5:0]
REN
RCLK
Latches
WD[7:0]
Latches
WRAD[5:0]
Write
Logic
MODE
BLKEN
WEN
WCLK
[5:0]
[7:0]


Similar Part No. - A42MX04-1VQ100M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A42MX09 MICROSEMI-A42MX09 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09 MICROSEMI-A42MX09 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09 MICROSEMI-A42MX09 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09 MICROSEMI-A42MX09 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09 MICROSEMI-A42MX09 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
More results

Similar Description - A42MX04-1VQ100M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com