Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ULLC0402FC3.3C Datasheet(PDF) 2 Page - Protek Devices

Part No. ULLC0402FC3.3C
Description  UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PROTEC [Protek Devices]
Homepage  http://www.protekdevices.com
Logo 

ULLC0402FC3.3C Datasheet(HTML) 2 Page - Protek Devices

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05192.R0 8/03
ULLC0402FC3.3C*
thru
ULLC0402FC24C*
*PATENT PENDING
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
pF
ULLC0402FC3.3C
ULLC0402FC05C
ULLC0402FC08C
ULLC0402FC12C
ULLC0402FC15C
ULLC0402FC24C
3.3
5.0
8.0
12.0
15.0
24.0
4.0
6.0
8.5
13.3
16.7
26.7
6
6
6
6
6
6
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
75
1.0
0.1
0.1
0.1
0.1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
Note 1: All devices are bidirectional.
225°C
5-10 sec
Instantaneous
to 200°C
Soldering
Time
Cool Down
Time
1-2 Minutes
to 150°C
1-2 Minutes to 25°C
Pre-Heat
Time
100°C
200°C
Note: This reflow profile does not take into account the printed circuit board (PCB) material
heating time. Additional time may be required for the preheat time and cool down time upon the
PCB or board material.
FIGURE 1
REFLOW SOLDER PROFILE


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn