Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74ACT299 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74ACT299
Description  8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74ACT299 Datasheet(HTML) 4 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IN74ACT299
4
AC ELECTRICAL CHARACTERISTICS(VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
120
110
MHz
tPLH
Propagation Delay, Clock to QA’ or QH
(Figure 1)
4.0
12.5
3.0
14.0
ns
tPHL
Propagation Delay, Clock to QA’ or QH
(Figure 1)
4.0
13.5
3.5
15.0
ns
tPLH
Propagation Delay, Clock to QA thru QH
(Figure 1)
4.5
12.5
4.5
13.5
ns
tPHL
Propagation Delay, Clock to QA thru QH
(Figure 1)
5.0
15.0
4.5
16.5
ns
tPHL
Propagation Delay, Reset to QA’ or QH
(Figure 2)
4.0
15.0
4.0
18.0
ns
tPHL
Propagation Delay, Reset to QA thru QH
(Figure 2)
4.0
14.5
3.5
17.5
ns
tPZH
Propagation Delay , OE1, OE2 to QA thru
QH (Figure 3)
2.5
12.0
1.5
13.0
ns
tPZL
Propagation Delay , OE1, OE2 to QA thru
QH (Figure 3)
2.0
12.0
1.5
13.5
ns
tPHZ
Propagation Delay , OE1, OE2 to QA thru
QH (Figure 3)
2.0
12.5
2.0
13.5
ns
tPLZ
Propagation Delay , OE1, OE2 to QA thru
QH (Figure 3)
2.5
11.5
2.0
12.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,VCC=5.0 V
CPD
Power Dissipation Capacitance
170
pF
TIMING REQUIREMENTS(VCC=5.0 V ± 10%, CL=50pF, Input tr=tf=3.0 ns)
Guaranteed
Limits
Symbo
l
Parameter
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Mode Select S1 or S2 to Clock
(Figure 4)
5.0
5.5
ns
tsu
Minimum Setup Time, Data Inputs PA thru PH to Clock
(Figure 4)
4.0
4.5
ns
tsu
Minimum Setup Time, Data Inputs SA, SH to Clock (Figure 4)
4.5
5.0
ns
th
Minimum Hold Time, Clock to Mode Select S1 or S2 (Figure
4)
1.0
1.0
ns
th
Minimum Hold Time, Clock to Data Inputs PA thru PH (Figure
4)
1.0
1.0
ns
th
Minimum Hold Time, Clock to Data Inputs SA, SH (Figure 4)
1.0
1.0
ns
trec
Minimum Recovery Time, Reset Inactive to Clock (Figure 2)
1.5
1.5
ns
tw
Minimum Pulse Width, Clock (Figure 1)
4.0
4.5
ns
tw
Minimum Pulse Width, Reset (Figure 2)
3.5
3.5
ns


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn