Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TESP5700 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. TESP5700
Description  Silicon PIN Photodiode
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TESP5700 Datasheet(HTML) 1 Page - Vishay Siliconix

  TESP5700 Datasheet HTML 1Page - Vishay Siliconix TESP5700 Datasheet HTML 2Page - Vishay Siliconix TESP5700 Datasheet HTML 3Page - Vishay Siliconix TESP5700 Datasheet HTML 4Page - Vishay Siliconix TESP5700 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TESP5700
Document Number 81573
Rev. 1.4, 08-Mar-05
Vishay Semiconductors
www.vishay.com
1
16936
Silicon PIN Photodiode
Description
TESP5700 PIN photodiode is applicable to high
speed data transmission specifically at low reverse
voltage. Black epoxy package include side view lens
and daylight filter, matched to high speed IR emitters.
Features
• Ultra high speed at low supply voltage
• Fast response times tr/tf = 10 ns
• High cut-off frequency fc = 35 MHz
• Low operating voltage VR = 2 V
• High sensitivity s(
λ) = 0.57 A/W
• Low junction capacitance
• High efficient side view lens
• Wide viewing angle
ϕ = ± 60 °
• Daylight filter, matched to IR emitters using
λ
p = 850 nm or λp = 870 nm
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
High speed data transmission specifically using low
supply voltage
Infrared remote control and free air data transmission
systems in combination with IR emitters TSFF5200 or
TSFF5400.
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Remarks
TESP5700
TESP5700
MOQ 7500 pc
Parameter
Test condition
Symbol
Value
Unit
Reverse Voltage
VR
60
V
Power Dissipation
Tamb ≤ 25 °C
PV
215
mW
Junction Temperature
Tj
100
°C
Operating Temperature Range
Tamb
- 40 to + 100
°C
Storage Temperature Range
Tstg
- 40 to + 100
°C
Soldering Temperature
t
≤ 5 s
Tsd
260
°C
Thermal Resistance Junction/
Ambient
RthJA
350
K/W


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BPV20FSilicon PIN Photodiode 1 2 3 4 5 MoreVishay Siliconix
BPW97Silicon PIN Photodiode 1 2 3 4 5 MoreVishay Siliconix
PD15-22B1206 Package Silicon PIN Photodiode 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
BPV21FSilicon PIN Photodiode 1 2 3 4 5 MoreVishay Siliconix
S153PSilicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
PD204-6B3mm Silicon PIN Photodiode T-1 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
PD204-6C3mm Silicon PIN Photodiode T-1 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
BPV22FSilicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
S186PSilicon PIN Photodiode 1 2 3 4 5 MoreVishay Siliconix
QSB34SURFACE MOUNT SILICON PIN PHOTODIODE 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn