Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX09-2TQ100M Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # A42MX09-2TQ100M
Description  40MX and 42MX FPGA Families
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A42MX09-2TQ100M Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button A42MX09-2TQ100M Datasheet HTML 34Page - List of Unclassifed Manufacturers A42MX09-2TQ100M Datasheet HTML 35Page - List of Unclassifed Manufacturers A42MX09-2TQ100M Datasheet HTML 36Page - List of Unclassifed Manufacturers A42MX09-2TQ100M Datasheet HTML 37Page - List of Unclassifed Manufacturers A42MX09-2TQ100M Datasheet HTML 38Page - List of Unclassifed Manufacturers A42MX09-2TQ100M Datasheet HTML 39Page - List of Unclassifed Manufacturers A42MX09-2TQ100M Datasheet HTML 40Page - List of Unclassifed Manufacturers A42MX09-2TQ100M Datasheet HTML 41Page - List of Unclassifed Manufacturers A42MX09-2TQ100M Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 123 page
background image
40MX and 42MX FPGA Families
1- 32
v6.0
Table 23 •
40MX Temperature and Voltage Derating Factors
(Normalized to TJ = 25°C, VCC = 5.0V)
40MX Voltage
Temperature
–55°C
–40°C
0°C
25°C
70°C
85°C
125°C
4.50
0.89
0.93
1.02
1.09
1.25
1.31
1.45
4.75
0.84
0.88
0.97
1.03
1.18
1.24
1.37
5.00
0.82
0.85
0.94
1.00
1.15
1.20
1.33
5.25
0.80
0.82
0.91
0.97
1.12
1.16
1.29
5.50
0.79
0.82
0.90
0.96
1.10
1.15
1.28
Note: This derating factor applies to all routing and propagation delays.
Figure 1-35 • 40MX Junction Temperature and Voltage Derating Curves
(Normalized to TJ = 25°C, VCC = 5.0V)
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
4.50
4.75
5.00
5.25
5.50
Voltage
(V)
–55˚C
–40˚C
0˚C
25˚C
70˚C
85˚C
125˚C


Similar Part No. - A42MX09-2TQ100M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A42MX09-2TQ100M MICROSEMI-A42MX09-2TQ100M Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-2TQ100M MICROSEMI-A42MX09-2TQ100M Datasheet
2Mb / 173P
   40MX and 42MX FPGA
More results

Similar Description - A42MX09-2TQ100M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com