Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74ACT273 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74ACT273
Description  OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74ACT273 Datasheet(HTML) 4 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74ACT273
4
AC ELECTRICAL CHARACTERISTICS(VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
125
125
MHz
tPHL
Propagation Delay, Clock to Q (Figure 1)
3.0
10.0
2.5
11.0
ns
tPLH
Propagation Delay, Clock to Q (Figure 1)
3.0
11.0
2.5
12.0
ns
tPHL
Propagation Delay, Reset to Q (Figure 2)
3.0
11.0
2.5
11.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,VCC=5.0 V
CPD
Power Dissipation Capacitance
50
pF
TIMING REQUIREMENTS(VCC=5.0 V ± 10%, CL=50pF, Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
4.5
5.5
ns
th
Minimum
Hold
Time,
Data
to Clock
(Figure 3)
2.0
2.0
ns
tw
Minimum Pulse Width, Clock (Figure 1)
4.0
4.5
ns
tw
Minimum Pulse Width, Reset (Figure 2)
4.0
4.5
ns
trec
Minimum Recovery Time, Reset to Clock
(Figure 2)
2.0
3.0


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn