Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC253SPD-B0 Datasheet(PDF) 9 Page - Texas Instruments

Part # TC253SPD-B0
Description  680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC253SPD-B0 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TC253SPD-B0 Datasheet HTML 5Page - Texas Instruments TC253SPD-B0 Datasheet HTML 6Page - Texas Instruments TC253SPD-B0 Datasheet HTML 7Page - Texas Instruments TC253SPD-B0 Datasheet HTML 8Page - Texas Instruments TC253SPD-B0 Datasheet HTML 9Page - Texas Instruments TC253SPD-B0 Datasheet HTML 10Page - Texas Instruments TC253SPD-B0 Datasheet HTML 11Page - Texas Instruments TC253SPD-B0 Datasheet HTML 12Page - Texas Instruments TC253SPD-B0 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TC253SPDB0
680 × 500 PIXEL IMPACTRON CCD IMAGE SENSOR
JULY 2003 − SOCS084
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating ranges of supply voltage at operating
free-air temperature (unless otherwise noted)
PARAMETER
MIN
TYP‡
MAX
UNIT
Charge multiplication gain
1
30
(100)§
Excess noise factor for typical CCM gain (see Note 6)
1
1.4
Dynamic range without CCM gain
64
dB
Dynamic range with typical CCM gain (see Note 7)
66
dB
Charge conversion gain without CCM gain (see Note 8)
9
µV/e-
τ
Signal-response delay time (see Note 9)
9
ns
Output resistance
320
Amplifier noise-equivalent signal without CCM gain†
29
e- rms
Response linearity without CCM gain
1
Response linearity with typical CCM gain
1
Charge-transfer efficiency (see Note 10)
0.9998
0.9999
Supply current
2
3
4
mA
IAG1
3
IAG2
3.2
IAG1-IAG2
2
nF
SAG1
3
nF
SAG2
3.6
Ci
Input capacitance
SAG1-SAG2
2.2
Ci
Input capacitance
SRG1
40
SRG2
40
SRG1−SRG2
50
pF
CMG
30
pF
CMG−SRG1
10
ODB
1,000
ADB high (see Note 11)
20
SRG−1,2 high (Note 11)
45
Pulse amplitude rejection ratio
SRG−1,2 low (Note 11)
45
dB
Pulse amplitude rejection ratio
CMG high (see Note 11)
45
dB
CMD low (see Note 11)
45
OBD low (see Note 11)
45
† The values in the table are quoted using CDS = correlated double sampling. CDS is a signal-processing technique that improves performance
by minimizing undesirable effects of reset noise.
‡ All typical values are at TA = 25°C.
§ Maximum CCM gain is not ensured.
NOTES:
6. Excess noise factor F is defined as the ratio of noise sigma after multiplication divided by M times the noise sigma before
multiplication, where M is the charge multiplication gain.
7. Dynamic range is – 20 times the logarithm of the noise sigma divided by the saturation-output signal amplitude.
8. Charge-conversion factor is defined as the ratio of output signal to input number of electrons.
9. Signal-response delay time is the time between the falling edge of the SRG2 pulse and the output-signal valid state.
10. Charge transfer efficiency is one minus the charge loss per transfer in the CCD register.
11. Rejection ratio is – 20 times the logarithm of the output referenced to the reset level divided by the 1 V of amplitude change of the
corresponding gate or terminal signal.


Similar Part No. - TC253SPD-B0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC253SPD-30 TI-TC253SPD-30 Datasheet
286Kb / 21P
[Old version datasheet]   680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
More results

Similar Description - TC253SPD-B0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC253SPD-30 TI-TC253SPD-30 Datasheet
286Kb / 21P
[Old version datasheet]   680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
TC246 TI1-TC246 Datasheet
1Mb / 30P
[Old version datasheet]   680 x 500 PIXEL IMPACTRON??COLOR CCD IMAGE SENSOR
TC25SPD TI-TC25SPD Datasheet
255Kb / 19P
[Old version datasheet]   680 X 500 PIXEL CCD IMAGE SENSOR
TX253-30 TI-TX253-30 Datasheet
247Kb / 19P
[Old version datasheet]   680 X 500 PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC246CYM-B0 TI-TC246CYM-B0 Datasheet
486Kb / 27P
[Old version datasheet]   680 x 500 PIXEL IMPACTRONTM COMPLEMENTARY COLOR CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com