Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H1G0838M-ULB3 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4H1G0838M-ULB3
Description  1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H1G0838M-ULB3 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4H1G0838M-ULB3 Datasheet HTML 7Page - Samsung semiconductor K4H1G0838M-ULB3 Datasheet HTML 8Page - Samsung semiconductor K4H1G0838M-ULB3 Datasheet HTML 9Page - Samsung semiconductor K4H1G0838M-ULB3 Datasheet HTML 10Page - Samsung semiconductor K4H1G0838M-ULB3 Datasheet HTML 11Page - Samsung semiconductor K4H1G0838M-ULB3 Datasheet HTML 12Page - Samsung semiconductor K4H1G0838M-ULB3 Datasheet HTML 13Page - Samsung semiconductor K4H1G0838M-ULB3 Datasheet HTML 14Page - Samsung semiconductor K4H1G0838M-ULB3 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
DDR SDRAM
DDR SDRAM 1Gb M-die (x4, x8) Pb-Free
Revision 1.1 October, 2004
IDD7A : Operating current: Four bank operation
1. Typical Case : Vdd = 2.5V, T=25’ C
2. Worst Case : Vdd = 2.7V, T= 10’ C
3. Four banks are being interleaved with tRC(min), Burst Mode, Address and Control inputs on NOP edge are not
changing. lout = 0mA
4. Timing patterns
- B0(133Mhz, CL=2.5) : tCK = 7.5ns, CL=2.5, BL=4, tRRD = 2*tCK, tRCD = 3*tCK, Read with autoprecharge
Read : A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing
*50% of data changing at every burst
- A2(133Mhz, CL=2) : tCK = 7.5ns, CL2=2, BL=4, tRRD = 2*tCK, tRCD = 3*tCK, Read with autoprecharge
Read : A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing
*50% of data changing at every burst
- B3(166Mhz,CL=2.5) : tCK=6ns, CL=2.5, BL=4, tRRD=2*tCK, tRCD=3*tCK, Read with autoprecharge
Read : A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing
*50% of data changing at every burst
Legend : A=Activate, R=Read, W=Write, P=Precharge, N=NOP
< Detailed test conditions for DDR SDRAM IDD1 & IDD7A >
IDD1 : Operating current: One bank operation
1. Only one bank is accessed with tRC(min), Burst Mode, Address and Control inputs on NOP edge are changing once
per clock cycle. lout = 0mA
2. Timing patterns
- B0(133Mhz, CL=2.5) : tCK = 7.5ns, CL=2.5, BL=4, tRCD = 3*tCK, tRC = 9*tCK, tRAS = 6*tCK
Read : A0 N N R0 N N P0 N N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
- A2 (133Mhz, CL=2) : tCK = 7.5ns, CL=2, BL=4, tRCD = 3*tCK, tRC = 9*tCK, tRAS = 6*tCK
Read : A0 N N R0 N N P0 N N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
- B3(166Mhz, CL=2.5) : tCK=6ns, CL=2.5, BL=4, tRCD=3*tCK, tRC = 10*tCK, tRAS=7*tCK
Read : A0 N N R0 N N P0 N N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
Legend : A=Activate, R=Read, W=Write, P=Precharge, N=NOP


Similar Part No. - K4H1G0838M-ULB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H1G0838M-TC/LA2 SAMSUNG-K4H1G0838M-TC/LA2 Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
K4H1G0838M-TC/LB0 SAMSUNG-K4H1G0838M-TC/LB0 Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
K4H1G0838M-TC/LB3 SAMSUNG-K4H1G0838M-TC/LB3 Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
K4H1G0838M-TCA0 SAMSUNG-K4H1G0838M-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H1G0838M-TCA2 SAMSUNG-K4H1G0838M-TCA2 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
More results

Similar Description - K4H1G0838M-ULB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
   128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4H560438E-ZC SAMSUNG-K4H560438E-ZC Datasheet
359Kb / 23P
   256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
K4H1G0438M SAMSUNG-K4H1G0438M Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com