Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74ACT245DW Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74ACT245DW
Description  OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT245DW Datasheet(HTML) 4 Page - Integral Corp.

  IN74ACT245DW Datasheet HTML 1Page - Integral Corp. IN74ACT245DW Datasheet HTML 2Page - Integral Corp. IN74ACT245DW Datasheet HTML 3Page - Integral Corp. IN74ACT245DW Datasheet HTML 4Page - Integral Corp. IN74ACT245DW Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74ACT245
4
AC ELECTRICAL CHARACTERISTICS(VCC=5.0 V ± 10%, CL=50pF, Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, A to B, B to A (Figure
1)
1.5
7.5
1.5
8.0
ns
tPHL
Propagation Delay, A to B, B to A (Figure
1)
1.5
8.0
1.0
9.0
ns
tPZH
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
1.5
10.0
1.5
11.0
ns
tPZL
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
1.5
10.0
1.5
12.0
ns
tPHZ
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
1.5
10.0
1.0
11.0
ns
tPLZ
Propagation Delay, Direction or Output
Enable to A or B (Figure 2)
2.0
10.0
1.5
11.0
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
COUT
Maximum Three-State I/O Capacitance
(I/O in High-Impedance State)
15
15
pF
Typical @25
°C,VCC=5.0
V
CPD
Power Dissipation Capacitance
45
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms


Similar Part No. - IN74ACT245DW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT245DW IKSEMICON-IN74ACT245DW Datasheet
261Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74ACT245DW

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
logo
Integral Corp.
IN74ACT241 INTEGRAL-IN74ACT241 Datasheet
185Kb / 4P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER /LINE RECEIVER
logo
ON Semiconductor
MC74HC244A ONSEMI-MC74HC244A Datasheet
179Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74HCT244A INTEGRAL-IN74HCT244A Datasheet
65Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74ACT244 INTEGRAL-IN74ACT244 Datasheet
185Kb / 4P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
ON Semiconductor
MC74HC541A ONSEMI-MC74HC541A_14 Datasheet
117Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 9
logo
Integral Corp.
IN74LS244 INTEGRAL-IN74LS244 Datasheet
241Kb / 6P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com