Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74ACT240 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74ACT240
Description  OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT240 Datasheet(HTML) 4 Page - Integral Corp.

  IN74ACT240 Datasheet HTML 1Page - Integral Corp. IN74ACT240 Datasheet HTML 2Page - Integral Corp. IN74ACT240 Datasheet HTML 3Page - Integral Corp. IN74ACT240 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IN74ACT240
4
AC ELECTRICAL CHARACTERISTICS(VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, A to YA or B to YB
(Figure 1)
1.5
8.5
1.5
9.5
ns
tPHL
Propagation Delay, A to YA or B to YB
(Figure 1)
1.5
7.5
1.5
8.5
ns
tPZH
Propagation Delay, Output Enable to YA
or YB (Figure 2)
1.5
8.5
1.0
9.5
ns
tPZL
Propagation Delay, Output Enable to YA
or YB (Figure 2)
2.0
9.5
1.5
10.5
ns
tPHZ
Propagation Delay, Output Enable to YA
or YB (Figure 2)
2.0
9.5
2.0
10.5
ns
tPLZ
Propagation Delay, Output Enable to YA
or YB (Figure 2)
2.5
10.0
2.0
10.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,VCC=5.0
V
CPD
Power Dissipation Capacitance
45
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms


Similar Part No. - IN74ACT240

ManufacturerPart No.DatasheetDescription
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74ACT240 IKSEMICON-IN74ACT240 Datasheet
268Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74ACT240DW IKSEMICON-IN74ACT240DW Datasheet
268Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74ACT240N IKSEMICON-IN74ACT240N Datasheet
268Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74ACT240

ManufacturerPart No.DatasheetDescription
System Logic Semiconductor
System Logic Semiconduc...
SL74HC240 SLS-SL74HC240 Datasheet
47Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
ON Semiconductor
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A Datasheet
180Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2000 ??Rev. 9
Motorola, Inc
Motorola, Inc
MC54-74HC240A MOTOROLA-MC54-74HC240A Datasheet
168Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
ON Semiconductor
ON Semiconductor
MC74HC240AF ONSEMI-MC74HC240AF Datasheet
152Kb / 9P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2011 ??Rev. 12
Motorola, Inc
Motorola, Inc
MC74HC204A MOTOROLA-MC74HC204A Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
ON Semiconductor
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A_14 Datasheet
115Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 11
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
Integral Corp.
Integral Corp.
IN74HCT240A INTEGRAL-IN74HCT240A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
ON Semiconductor
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A Datasheet
146Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 7
Integral Corp.
Integral Corp.
IN74HC240A INTEGRAL-IN74HC240A Datasheet
147Kb / 5P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz