Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74ACT157D Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74ACT157D
Description  Quad 2-Input Data Selector/Multiplexer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT157D Datasheet(HTML) 4 Page - Integral Corp.

  IN74ACT157D Datasheet HTML 1Page - Integral Corp. IN74ACT157D Datasheet HTML 2Page - Integral Corp. IN74ACT157D Datasheet HTML 3Page - Integral Corp. IN74ACT157D Datasheet HTML 4Page - Integral Corp. IN74ACT157D Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74ACT157
201
AC ELECTRICAL CHARACTERISTICS(V
CC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, Select to Output Y
(Figure 2)
2.0
9.0
1.5
10.0
ns
tPHL
Propagation Delay, Select to Output Y
(Figure 2)
2.0
9.5
2.0
10.5
ns
tPLH
Propagation Delay, Output Enable to
Output Y (Figure 3)
1.5
10
1.5
11.5
ns
tPHL
Propagation Delay, Output Enable to
Output Y (Figure 3)
1.5
8.5
1.0
9.0
ns
tPLH
Propagation Delay, Input A or B to Output Y
(Figure 1)
1.5
7.0
1.0
8.5
ns
tPHL
Propagation Delay, Input A or B to Output Y
(Figure 1)
1.5
7.5
1.0
8.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
50
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms


Similar Part No. - IN74ACT157D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT157D IKSEMICON-IN74ACT157D Datasheet
208Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74ACT157D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LS157 SLS-SL74LS157 Datasheet
30Kb / 3P
   Quad 2-Input Data Selector/Multiplexer
logo
Integral Corp.
IN74ACT158 INTEGRAL-IN74ACT158 Datasheet
169Kb / 5P
   QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER
IN74LS157 INTEGRAL-IN74LS157 Datasheet
144Kb / 3P
   Quad 2-Input Data Selector/Multiplexer
logo
KODENSHI_AUK CORP.
KK74LS157 KODENSHI-KK74LS157 Datasheet
249Kb / 4P
   Quad 2-Input Data Selector/Multiplexer
logo
Integral Corp.
IN74ACT258 INTEGRAL-IN74ACT258 Datasheet
176Kb / 5P
   QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74HCT157A MOTOROLA-MC74HCT157A Datasheet
127Kb / 5P
   Quad 2-Input Data Selector/Multiplexer with LSTTL-Compatible Inputs
logo
System Logic Semiconduc...
SL74HC257 SLS-SL74HC257 Datasheet
47Kb / 5P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74ACT257 INTEGRAL-IN74ACT257 Datasheet
176Kb / 5P
   QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
IK Semicon Co., Ltd
IN74AC157 IKSEMICON-IN74AC157 Datasheet
207Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74ACT157 IKSEMICON-IN74ACT157 Datasheet
208Kb / 6P
   Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com