Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV256-45UI Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC62LV256-45UI
Description  32K x 8 Low Power SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV256-45UI Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC62LV256-45UI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV256-45UI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV256-45UI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV256-45UI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV256-45UI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV256-45UI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV256-45UI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV256-45UI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV256-45UI Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IC62LV256
Integrated Circuit Solution Inc.
5
ALSR007-0A 10/5/2001
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-45 ns
-70 ns
-100 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
45
70
100
ns
tAA
Address Access Time
45
70
100
ns
tOHA
Output Hold Time
2
2
2
ns
tACE
CE Access Time
45
70
100
ns
tDOE
OE Access Time
25
35
50
ns
tLZOE(2)
OE to Low-Z Output
0
0
0
ns
tHZOE(2)
OE to High-Z Output
0
20
0
25
0
25
ns
tLZCE(2)
CE to Low-Z Output
3
3
3
ns
tHZCE(2)
CE to High-Z Output
0
20
0
25
0
25
ns
tPU(3)
CE to Power-Up
0
0
0
ns
tPD(3)
CE to Power-Down
30
50
50
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.
AC TEST LOADS
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
5 ns
Input and Output Timing
1.5V
and Reference Levels
Output Load
See Figures 1a and 1b
1213
100 pF
Including
jig and
scope
1378
OUTPUT
3.3V
Figure 1a.
Figure 1b.
1213
5 pF
Including
jig and
scope
1378
OUTPUT
3.3V


Similar Part No. - IC62LV256-45UI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100B ICSI-IC62LV25616L-100B Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100BI ICSI-IC62LV25616L-100BI Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100T ICSI-IC62LV25616L-100T Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100TI ICSI-IC62LV25616L-100TI Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV256-45UI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV256L ICSI-IC62LV256L Datasheet
110Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA Datasheet
67Kb / 6P
   LOW POWER 3.3V CMOS FAST SRAM 256K (32K x 8-BIT)
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com