Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV256-70J Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC62LV256-70J
Description  32K x 8 Low Power SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV256-70J Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC62LV256-70J Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV256-70J Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IC62LV256
4
Integrated Circuit Solution Inc.
ALSR007-0A 10/5/2001
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V
± 5%
Industrial
–40°C to +85°C
3.3V
± 5%
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-45 ns
-70 ns
-100 ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC1
Vcc Operating
VCC = Max.,
CE = VIL
Com.
20
20
20
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
30
30
30
ICC2
Vcc Dynamic Operating
VCC = Max.,
CE = VIL
Com.
35
30
30
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
45
40
40
ISB1
TTL Standby Current
VCC = Max.,
Com.
2
2
2
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
5
5
5
CE ≥ VIH, f = 0
ISB2
CMOS Standby
VCC = Max.,
Com.
90
90
90
µA
Current (CMOS Inputs)
CE ≥ VCC – 0.2V,
Ind.
200
200
200
VIN
≥ VCC – 0.2V, or
VIN
≤ 0.2V, f = 0
Notes:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –1.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 2.1 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
Com.
–2
2
µA
Ind.
–5
5
ILO
Output Leakage
GND
≤ VOUT ≤ VCC, Outputs Disabled Com.
–2
2
µA
Ind.
–5
5
Notes:
1. VIL = –3.0V for pulse width less than 10 ns.
2. Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
5
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc =3.3V.


Similar Part No. - IC62LV256-70J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100B ICSI-IC62LV25616L-100B Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100BI ICSI-IC62LV25616L-100BI Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100T ICSI-IC62LV25616L-100T Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV25616L-100TI ICSI-IC62LV25616L-100TI Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV256-70J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV256L ICSI-IC62LV256L Datasheet
110Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA Datasheet
67Kb / 6P
   LOW POWER 3.3V CMOS FAST SRAM 256K (32K x 8-BIT)
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com