Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74ACT125 Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN74ACT125
Description  Quad 3-State Noninverting Buffers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT125 Datasheet(HTML) 1 Page - Integral Corp.

  IN74ACT125 Datasheet HTML 1Page - Integral Corp. IN74ACT125 Datasheet HTML 2Page - Integral Corp. IN74ACT125 Datasheet HTML 3Page - Integral Corp. IN74ACT125 Datasheet HTML 4Page - Integral Corp. IN74ACT125 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
IN74ACT125
Quad 3-State Noninverting Buffers
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
IN74ACT125N Plastic
IN74ACT125D SOIC
TA = -40° to 85° C for all packages
The IN74ACT125 is identical in pinout to the LS/ALS125, HC/HCT125.
The IN74ACT125 may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
The IN74ACT125 noninverting buffers are designed to be used with 3-
state memory address drivers, clock drivers, and other bus-oriented systems.
The devices have four separate output enables that are active-low.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
OE
Y
H
L
H
L
L
L
X
H
Z
X = don’t care
Z = high impedance
1


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IN74HCT125A QUAD 3-STATE NONINVERTING BUFFERS 1  2  3  4  5  Integral Corp.
IN74HCT126A QUAD 3-STATE NONINVERTING BUFFERS 1  2  3  4  5  Integral Corp.
IN74VHCT125 Quad 3-State Noninverting Buffers 1  2  3  4  5  More Integral Corp.
IN74VHCT126 Quad 3-State Noninverting Buffers 1  2  3  4  5  More Integral Corp.
IN74VHC126 QUAD 3-STATE NONINVERTING BUFFERS 1  2  3  4  5  More Integral Corp.
AD5424 Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS 1  2  3  4  5  List of Unclassifed Manufacturers
SL74HC125 Quad 3-State Noninverting Buffers 1  2  3  4  5  System Logic Semiconductor
IN74HC125A Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS 1  2  3  4  5  Integral Corp.
MC74HC125A Quad 3-State Noninverting Buffers 1  2  3  4  5  More ON Semiconductor
74F125 Quad buffers 3-State 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn