Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4500D208SV050RFHA1 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # C4500D208SV050RFHA1
Description  OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4500D208SV050RFHA1 Datasheet(HTML) 5 Page - Vectron International, Inc

  C4500D208SV050RFHA1 Datasheet HTML 1Page - Vectron International, Inc C4500D208SV050RFHA1 Datasheet HTML 2Page - Vectron International, Inc C4500D208SV050RFHA1 Datasheet HTML 3Page - Vectron International, Inc C4500D208SV050RFHA1 Datasheet HTML 4Page - Vectron International, Inc C4500D208SV050RFHA1 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
C4500
OCXO
Vectron International · www.vectron.com
v.2005-11-21 · page 5 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 Workshop, No 308 Fenju
Road, WaiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
How to Order this Product:
Step 1
Use this worksheet to forward the following information to your factory representative:
Model
Stability Code
Supply Voltage Code
RF Output Code
Package
Code
Frequency
C4500
Example:
C4500
D107
SV050
RFH
A1
20MHz
Step 2
The factory representative will then respond with a Corning Model Number in the following Configuration:
Model
Package Code
Dash
Dash Number
C4500
[Customer Specified Package Code]
-
[Factory Generated 4 digit number]
Typical P/N = C4500A1-0001
Notes:
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies.
2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control
voltage, load, temperature (25°C)
3 Phase noise degrades with increasing output frequency.
4 Subject to technical modification.
5 Contact factory for availability.


Similar Part No. - C4500D208SV050RFHA1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4500 VECTRON-C4500 Datasheet
124Kb / 5P
   Surface Mount Package Optional
logo
Dubilier
C4500 DUBILIER-C4500 Datasheet
95Kb / 1P
   ALKALINE
logo
Vectron International, ...
C4500 VECTRON-C4500_06 Datasheet
124Kb / 5P
   Surface Mount Package Optional
More results

Similar Description - C4500D208SV050RFHA1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4505 VECTRON-C4505 Datasheet
212Kb / 5P
   OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Compact Package
C4550 VECTRON-C4550 Datasheet
410Kb / 4P
   OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
C4530 VECTRON-C4530 Datasheet
243Kb / 6P
   OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
C4600 VECTRON-C4600 Datasheet
146Kb / 4P
   OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
logo
MTRONPTI
M1252 MTRONPTI-M1252 Datasheet
151Kb / 3P
   Surface mount AT-cut crystal
logo
EUROQUARTZ limited
OC14E12A EUROQUARTZ-OC14E12A Datasheet
101Kb / 1P
   AT-Cut Crystal OCXO - Sinewave - 12.0 Volts
logo
CRYSTEK CORPORATION
CO27VS12DE-02-10.000 CRYSTEKMICROWAVE-CO27VS12DE-02-10.000 Datasheet
159Kb / 2P
   AT-Cut Crystal
logo
Vectron International, ...
C5310 VECTRON-C5310 Datasheet
203Kb / 5P
   VCXO Surface Mount Package Reflow Process Compatible AT-Cut Crystal
logo
MICORO CRYSTAL SWITZERL...
MCSO1ES MICROCRYSTAL-MCSO1ES Datasheet
370Kb / 2P
   SC cut quartz crystal
logo
List of Unclassifed Man...
CS10 ETC2-CS10_1 Datasheet
794Kb / 1P
   AT-CUT CRYSTAL UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com