Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF36120CU44A Datasheet(PDF) 1 Page - Schneider Electric

Part # RJF36120CU44A
Description  POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RJF36120CU44A Datasheet(HTML) 1 Page - Schneider Electric

  RJF36120CU44A Datasheet HTML 1Page - Schneider Electric RJF36120CU44A Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
RJF36120CU44A
POWERPACT R-FRAME, MOLDED CASE
CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
Price* : 33,308.00 USD
Main
Product or component type
Circuit breaker
Range of product
PowerPact R
Current sensor rating range
1200 A
Trip unit technology
Electronic, ammeter, Micrologic 6.0 A, LSIG
Complementary
[Ie] rated operational current
1200 A
[Ue] rated operational voltage
600 V AC
Mounting mode
Unit mount
Poles description
3P
Breaking capacity
100 kA 240 V AC
65 kA 480 V AC
25 kA 600 V AC
Breaking capacity code
J
Continuous current rating
100 %
Electrical connection
Busbar connection line
Busbar connection load
Height
16.24 in (412.50 mm)
Width
16.53 in (419.86 mm)
Depth
14.49 in (368.05 mm)
Tightening torque
601.85 lbf.in (68 N.m) 0.08…0.62 in² (50…400 mm²) AWG 1/0...750 kcmil)
601.85 lbf.in (68 N.m) 0.08…0.23 in² (50…150 mm²) AWG 1/0...300 kcmil)
Environment
Product certifications
CSA
UL Listed
IEC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 12, 2020
1


Similar Part No. - RJF36120CU44A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RJF36120CU41A SCHNEIDER-RJF36120CU41A Datasheet
66Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
RJF36120CU43A SCHNEIDER-RJF36120CU43A Datasheet
166Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
More results

Similar Description - RJF36120CU44A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RJF36120CU64AE1 SCHNEIDER-RJF36120CU64AE1 Datasheet
160Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
RJF36120U41A SCHNEIDER-RJF36120U41A Datasheet
112Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
RJF36120U43A SCHNEIDER-RJF36120U43A Datasheet
65Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
RJF36120U31A SCHNEIDER-RJF36120U31A Datasheet
147Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
RJF36120 SCHNEIDER-RJF36120 Datasheet
126Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
RJF36120CU31A SCHNEIDER-RJF36120CU31A Datasheet
147Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
RJF36120CU41A SCHNEIDER-RJF36120CU41A Datasheet
66Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
RJF36120CU43A SCHNEIDER-RJF36120CU43A Datasheet
166Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
RJF36120CU74AE1 SCHNEIDER-RJF36120CU74AE1 Datasheet
160Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
RJF36120U63AE1 SCHNEIDER-RJF36120U63AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
RJF36120CU33A SCHNEIDER-RJF36120CU33A Datasheet
166Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1200A, 3P, 25kA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com