Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5C1008DJ-25/XT Datasheet(PDF) 8 Page - Austin Semiconductor

Part # AS5C1008DJ-25/XT
Description  128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C1008DJ-25/XT Datasheet(HTML) 8 Page - Austin Semiconductor

  AS5C1008DJ-25/XT Datasheet HTML 1Page - Austin Semiconductor AS5C1008DJ-25/XT Datasheet HTML 2Page - Austin Semiconductor AS5C1008DJ-25/XT Datasheet HTML 3Page - Austin Semiconductor AS5C1008DJ-25/XT Datasheet HTML 4Page - Austin Semiconductor AS5C1008DJ-25/XT Datasheet HTML 5Page - Austin Semiconductor AS5C1008DJ-25/XT Datasheet HTML 6Page - Austin Semiconductor AS5C1008DJ-25/XT Datasheet HTML 7Page - Austin Semiconductor AS5C1008DJ-25/XT Datasheet HTML 8Page - Austin Semiconductor AS5C1008DJ-25/XT Datasheet HTML 9Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SRAM
AS5C1008
Austin Semiconductor, Inc.
AS5C1008
Rev. 3.5 1/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
ASI Case #905 (Package Designator DJ)
MECHANICAL DEFINITION*
* All measurements are in inches.
D
E1
E
A A1
A2
e1
e
e2
b
E2
C
B
MIN
MAX
A
A1
0.105
0.115
A2
Β
0.082
---
b
C
D
0.820
0.880
E
0.430
0.445
E1
0.395
0.405
E2
0.360
0.380
e
0.025
0.032
e1
e2
---
0.045
0.050 TYP
SYMBOL
ASI SPECIFICATIONS
0.140 BSC
0.018 TYP
0.010 TYP
0.027 TYP


Similar Part No. - AS5C1008DJ-25/XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C1008DJ-25/XT AUSTIN-AS5C1008DJ-25/XT Datasheet
71Kb / 9P
   128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
More results

Similar Description - AS5C1008DJ-25/XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C1008 AUSTIN-AS5C1008_05 Datasheet
71Kb / 9P
   128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
logo
Lyontek Inc.
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
   128K x 8 SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com