Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9462501 Datasheet(PDF) 10 Page - International Rectifier

Part # 5962-9462501
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

5962-9462501 Datasheet(HTML) 10 Page - International Rectifier

Back Button 5962-9462501 Datasheet HTML 4Page - International Rectifier 5962-9462501 Datasheet HTML 5Page - International Rectifier 5962-9462501 Datasheet HTML 6Page - International Rectifier 5962-9462501 Datasheet HTML 7Page - International Rectifier 5962-9462501 Datasheet HTML 8Page - International Rectifier 5962-9462501 Datasheet HTML 9Page - International Rectifier 5962-9462501 Datasheet HTML 10Page - International Rectifier 5962-9462501 Datasheet HTML 11Page - International Rectifier 5962-9462501 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
www.irf.com
ATR28XXS Series
Connecting the inhibit input (Pin 2) to input common (Pin 10)
will cause the converter to shut down. It is recommended
that the inhibit pin be driven by an open collector device
capable of sinking at least 400µA of current. The open cir-
cuit voltage of the inhibit input is 11.5 ±1 VDC.
Assuming that there is no forced air flow, the package
temperature rise above ambient (
∆T) may be calculated
using the following expression:
where A = the effective surface area in square inches
(Including heat sink if used),P
d
= power dissipation in watts.
The total surface area of the ATR package is 7.34 square
inches. If a worse case full load efficiency of 76% is as-
sumed, then the case temperature rise of an ATR2805S
can be calculated as follows:
Hence, if T
AMBIENT
= +25
°C, the DC/DC converter case
temperature will be approximately 159
°C if no heat sink
or air flow is provided.
ATR28XXS Block Diagram
Application Information
Inhibit Function
Thermal Management
To calculate the heat sink area required to maintain a
specific case temperature rise, the above equation may
be manipulated as follows:
PKG
d
HEATSINK
A
P
T
A
 ∆
=
− 43
1
85
0
80
.
.
As an example, if a maximum case temperature rise of
50
°C above ambient is required, then the required
effective heat sink area is:
EMI Filter
An Optional EMI filter (AFC461)is available that will reduce
the input ripple current to levels below the limits imposed by
MIL-STD-461B CEO3.
Whenever multiple DC/DC converters are utilized in a single
system, significant low frequency noise may be generated
due to slight difference in the switching frequencies of the
converters. Because of the low frequency nature of this
noise (typically less than 10KHz), it is difficult to filter out
and may interfere with proper operation of sensitive sys-
tems. Advanced Analog permits synchronization of multiple
ATR28XX converters to match switching frequency of the
converter to the frequency of the system clock, thus elimi-
nating this type of noise.
Device Synchronization
W
Eff
P
P
out
5
9
1
76
1
30
1
1
.
=


=


=
∆T = 80 A –0.7 P 0.85 (°C)
∆T = 80 (7.34)-0.7 (9.5)0.85 = 134°C
()
2
43
1
85
0
9
22
34
7
5
9
80
50
in
AHEATSINK
.
.
.
.
.
=
=
Output Voltage Adjustment
The output voltage of the ATR2805S converter can be ad-
justed upward by connecting an appropriate resistor value
between the Positive Output (Pin 5) and the Positive Sense
(Pin 6) as shown in Table 1 below.
Resistance Pin 5 to 6 (
Ω)
Output Voltage Increase (V)
109
0.1
240
0.2
400
0.3
600
0.4
857
0.5
1200
0.6
Table1 Output adjustment resistor values for ATR2805S
5
4
+V o ut
Re turn
Pu ls e W id th
Mo du la tor
Prim a ry
H o us ekeeping
Su pp ly
EM I
Filter
1
10
+ In put
En ab le
Sy nc
Inp ut
Re turn
E rror
Am p &
Re f
+S e ns e
-S e ns e
FB
CS
Driv e
Ca se
6
3
9
8
2


Similar Part No. - 5962-9462501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9462201MVA TI1-5962-9462201MVA Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
5962-9462201Q2A TI1-5962-9462201Q2A Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
logo
M.S. Kennedy Corporatio...
5962-94629 MSK-5962-94629 Datasheet
265Kb / 9P
   6W DC-DC CONVERTERS
logo
Anaren Microwave
5962-94629 ANAREN-5962-94629 Datasheet
412Kb / 9P
   6W DC-DC CONVERTERS
More results

Similar Description - 5962-9462501

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com