Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOI208 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # AOI208
Description  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AOI208 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  AOI208 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AOI208 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AOI208 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AOI208 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AOI208 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AOI208 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AOI208 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
0
15
30
45
60
75
90
0.0
0.5
1.0
1.5
2.0
2.5
VGS = 10 V thru 5 V
VDS - Drain-to-Source Voltage (V)
VGS = 2 V
VGS = 3 V
0
100
200
300
400
500
600
0
1020
3040
5060
70
8090
ID - Drain Current (A)
TC = - 55 °C
TC = 25 °C
TC = 125 °C
0
500
1000
1500
2000
2500
0
6
12
18
24
30
VDS - Drain-to-Source Voltage (V)
Ciss
Coss
Crss
Transfer Characteristics
RDS(on) vs. Drain Current
Gate Charge
0.0
0.6
1.2
1.8
2.4
3.0
012
34
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = - 55 °C
TC = 125 °C
0.00
10
0.00
20
0.00
0.00
40
0.00
50
0.00
60
0.00
0
153045
607590
ID - Drain Current (A)
VGS = 10 V
VGS = 4.5 V
0
2
4
6
8
10
0
306090
120
150
180
Qg - Total Gate Charge (nC)
ID = 38.8 A
VDS = 24 V
VDS = 15 V
3
0
7
0
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOI208
3


Similar Part No. - AOI208

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI208 AOSMD-AOI208 Datasheet
242Kb / 6P
   30V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOI208 ISC-AOI208 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOI208

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com