Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AOD4112 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part No. AOD4112
Description  N-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AOD4112 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  AOD4112 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AOD4112 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AOD4112 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AOD4112 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AOD4112 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AOD4112 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AOD4112 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AOD4112 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel 30-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Compliant to RoHS Directive 2011/65/EU
APPLICATIONS
OR-ing
Server
•DC/DC
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 sec.
d. Maximum under steady state conditions is 90 °C/W.
e. Calculated based on maximum junction temperature. Package limitation current is 90 A.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a, e
Qg (Typ)
30
0.0
07 at VGS = 10 V
25 nC
0.009 at VGS = 4.5 V
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
A
TC = 70 °C
40
TA = 25 °C
.8b, c
TA = 70 °C
1 b, c
Pulsed Drain Current
IDM
200
Avalanche Current Pulse
L = 0.1 mH
IAS
3
9
Single Pulse Avalanche Energy
EAS
94.8
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
50a, e
A
TA = 25 °C
3.13b, c
Maximum Power Dissipation
TC = 25 °C
PD
100a
W
TC = 70 °C
75
TA = 25 °C
3.25b, c
TA = 70 °C
2.33b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb, d
t
 10 sec
RthJA
32
40
°C/W
Maximum Junction-to-Case
Steady State
RthJC
0.5
0.6
4
0
2
1
D
G
S
N-Channel MOSFET
5
0
5
0
8
TO-252
S
GD
Top View
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD4112
1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn