Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF36080CU41A Datasheet(PDF) 2 Page - Schneider Electric

Part # RJF36080CU41A
Description  POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RJF36080CU41A Datasheet(HTML) 2 Page - Schneider Electric

  RJF36080CU41A Datasheet HTML 1Page - Schneider Electric RJF36080CU41A Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering and shipping details
Category
01245-RG,H,J,K,L,N UNIT MT BREAKERS
Discount Schedule
DE2
Package weight(Lbs)
52.00 lb(US) (23.587 kg)
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: DINP, which is known to the State
of California to cause cancer, and DIDP, which is known to the State of California to cause birth
defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
PVC free
Yes
Halogen content performance
Halogen free plastic parts product
Contractual warranty
Warranty
18 months
2


Similar Part No. - RJF36080CU41A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RJF36080CU43A SCHNEIDER-RJF36080CU43A Datasheet
66Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080CU44A SCHNEIDER-RJF36080CU44A Datasheet
112Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
More results

Similar Description - RJF36080CU41A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RJF36080CU43A SCHNEIDER-RJF36080CU43A Datasheet
66Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U44A SCHNEIDER-RJF36080U44A Datasheet
111Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080CU64AE1 SCHNEIDER-RJF36080CU64AE1 Datasheet
160Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U33A SCHNEIDER-RJF36080U33A Datasheet
166Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U63AE1 SCHNEIDER-RJF36080U63AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U31A SCHNEIDER-RJF36080U31A Datasheet
147Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U43A SCHNEIDER-RJF36080U43A Datasheet
165Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U73AE1 SCHNEIDER-RJF36080U73AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080U74AE1 SCHNEIDER-RJF36080U74AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080CU44A SCHNEIDER-RJF36080CU44A Datasheet
112Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
RJF36080CU33A SCHNEIDER-RJF36080CU33A Datasheet
166Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 800A, 3P, 25kA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com