Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS5C1008 Datasheet(PDF) 8 Page - Austin Semiconductor

Part No. AS5C1008
Description  128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS5C1008 Datasheet(HTML) 8 Page - Austin Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SRAM
AS5C1008
Austin Semiconductor, Inc.
AS5C1008
Rev. 3.5 1/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
ASI Case #905 (Package Designator DJ)
MECHANICAL DEFINITION*
* All measurements are in inches.
D
E1
E
A A1
A2
e1
e
e2
b
E2
C
B
MIN
MAX
A
A1
0.105
0.115
A2
Β
0.082
---
b
C
D
0.820
0.880
E
0.430
0.445
E1
0.395
0.405
E2
0.360
0.380
e
0.025
0.032
e1
e2
---
0.045
0.050 TYP
SYMBOL
ASI SPECIFICATIONS
0.140 BSC
0.018 TYP
0.010 TYP
0.027 TYP


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn