Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS5C1008 Datasheet(PDF) 6 Page - Austin Semiconductor

Part No. AS5C1008
Description  128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS5C1008 Datasheet(HTML) 6 Page - Austin Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SRAM
AS5C1008
Austin Semiconductor, Inc.
AS5C1008
Rev. 3.5 1/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
READ CYCLE TIMING 1(1)
NOTE: 1. CE\ is HIGH for READ cycle.
READ CYCLE TIMING 2 (1)
t
RC
t
AA
t
OH
ADDR
D
OUT
DATA VALID
PREVIOUS DATA VALID
NOTES: 1. CE\ is HIGH for READ cycle.
2. At any given temperature and voltage condition, t
HZCE
is less than t
LZCE
.
DATA VALID
t
RC
t
ACE
t
AOE
t
LZCE
t
LZOE
High-Z
t
HZCE
t
HZCE
(2)
CE\
1
CE
2
OE\
D
OUT
WRITE CYCLE TIMING (WE\ CONTROLLED, OE\ = LOW)
12345678
12345678
12345678
12345678
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
123456789
123456789
123456789
123456789
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
12345678
12345678
12345678
12345678
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
123456789
123456789
123456789
123456789
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
12345
12345
12345
12345
DATA VALID
High-Z
t
WC
t
AW
t
CW
t
AH
t
AS
t
WP2
t
DS
t
DH
t
LZWE
t
HZWE
1234
1234
1234
1234
UNDEFINED
DON’T CARE
ADDR
CE\
1
CE
2
WE\
D
IN
D
OUT


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn