Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS5C1008 Datasheet(PDF) 5 Page - Austin Semiconductor

Part No. AS5C1008
Description  128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS5C1008 Datasheet(HTML) 5 Page - Austin Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SRAM
AS5C1008
Austin Semiconductor, Inc.
AS5C1008
Rev. 3.5 1/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Input Pulse Levels.......................................................GND to 3.0V
Input Rise and Fall Times..........................................................3ns
Input Timing Reference Levels................................................1.5V
Output Reference Levels..........................................................1.5V
Output Load..................................................................See Figure 1
AC TEST CONDITIONS
Fig. 1 OUTPUT LOAD EQUIVALENT
+5V
Q
255
30 pF
480
+5V
Q
255
5 pF
480
for t
LZCE
, t
HZCE
, t
LZWE
, t
HZWE
, t
LZOE
, and t
HZOE
CAPACITANCE (T
A
= +25oC, f = 1.0 MHz)
PARAMETER
CONDITION
SYMBOL
MAX
UNIT
Input Capacitance
VIN = 0V
CIN
6pF
Output Capacitance
VOUT = 0V
COUT
8pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn