Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKCP4EB Datasheet(PDF) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PKCP4EB
Description  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PKCP4EB Datasheet(HTML) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PKCP4EB Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD PKCP4EB Datasheet HTML 9Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PKCP4EB
N-Channel Enhancement Mode MOSFET
PRODUCT SUMMARY
V(BR)DSS
100% UIS Tested
PDFN 5X6P
100% Rg Tested
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
THERMAL RESISTANCE RATINGS
UNITS
1Pulse width limited by maximum junction temperature.
2The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C.
3The Power dissipation is based on Rq
JA t ≦10s value
4The maximum current rating is package limited.
Pulsed Drain Current
1
W
Junction-to-Case
VGS
Gate-Source Voltage
t ≦10s
Junction-to-Ambient
2
Junction-to-Ambient
2
Steady-State
RqJA
A
V
1.5
°C / W
83
202
47
±12
IDM
SYMBOL
Operating Junction & Storage Temperature Range
SYMBOL
°C
-55 to 150
30
IAS
74
RqJC
UNITS
300
127
TYPICAL
VDS
20
V
ID
LIMITS
273
TC = 25 °C
Avalanche Energy
L =0.1mH
RDS(ON)
Drain-Source Voltage
1.2mΩ @V
GS = 10V
202A
ID
TC = 25 °C
TA = 70 °C
20V
Continuous Drain Current
4
TC = 100 °C
PARAMETERS/TEST CONDITIONS
THERMAL RESISTANCE
TC = 100 °C
Power Dissipation
TJ, Tstg
PD
Steady-State
2.6
Continuous Drain Current
TA = 25 °C
mJ
33
RqJA
PD
W
ID
Avalanche Current
EAS
MAXIMUM
45
TA= 70 °C
36
Power Dissipation
3
TA = 25 °C
4.1
REV 1.0
1
2018/3/29


Similar Part No. - PKCP4EB

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PKCP4EB NIKOSEM-PKCP4EB Datasheet
330Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PKCP4EB

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com