Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE31625G4I71L Datasheet(PDF) 4 Page - Silicom Ltd.

Part # PE31625G4I71L
Description  Quad Port Fiber 25 Gigabit Ethernet PCI Express Server Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE31625G4I71L Datasheet(HTML) 4 Page - Silicom Ltd.

  PE31625G4I71L Datasheet HTML 1Page - Silicom Ltd. PE31625G4I71L Datasheet HTML 2Page - Silicom Ltd. PE31625G4I71L Datasheet HTML 3Page - Silicom Ltd. PE31625G4I71L Datasheet HTML 4Page - Silicom Ltd. PE31625G4I71L Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
PCI Express Card Type:
X16 Lane (PCIe bifurcation 2×8)
On Board Connector
Voltage:
+12V +/-8%
PCI Connector:
Gold Finger: X16 Lane, PCIe bifurcation 2×8
Controllers:
Intel XXV710-AM2
Holder:
Metal Bracket
Power Consumption:
Chipset (without transceivers): Max 22.2W
Operating Temperature:
0°C
– 45°C (32°F – 113°F)
Air Flow Requirements:
200 ft./min
Storage:
-40°C
–65°C (-40°F–149°F)
Regulation:
Card shall meet CE, FCC Class B, ROHS requirements
LEDs
LEDs:
Each Port has 2 LEDs to indicate link status and speed.
Link: Physical link Speed:
Green stay on
– physical link on with 25G Speed
Yellow stay on
– physical link on with 10G Speed
Off
– physical link off.
Link /ACT: Logic Link/Activity, Green
Green stay on
– logic link up, no activity
Green blinking
– logic link up, activity
Off
– logic link off
LEDs location:
LEDs are located on the PCB, visible by light quide in the metal bracket
Connectors:
Quad Port SFP28 / zSFP+ Cage


Similar Part No. - PE31625G4I71L

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
PE31625G24DIRA SILICOM-PE31625G24DIRA Datasheet
685Kb / 5P
   Six port 100 Gigabit Ethernet PCI Express Director Server Adapter
PE31625G24DIRA-MPS SILICOM-PE31625G24DIRA-MPS Datasheet
685Kb / 5P
   Six port 100 Gigabit Ethernet PCI Express Director Server Adapter
More results

Similar Description - PE31625G4I71L

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
PE2G4BPFI35A SILICOM-PE2G4BPFI35A Datasheet
787Kb / 8P
   Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4BPFI80 SILICOM-PE2G4BPFI80 Datasheet
531Kb / 8P
   Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE310G4SPI9 SILICOM-PE310G4SPI9 Datasheet
374Kb / 6P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE310G4SPI9LA SILICOM-PE310G4SPI9LA Datasheet
505Kb / 8P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE210G4SPI9 SILICOM-PE210G4SPI9 Datasheet
436Kb / 7P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE310G4I71L SILICOM-PE310G4I71L Datasheet
330Kb / 7P
   Quad Port Fiber SFP 10 Gigabit Ethernet PCI Express Server Adapter
PE310G4BPI71 SILICOM-PE310G4BPI71 Datasheet
803Kb / 7P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G2FI35 SILICOM-PE2G2FI35 Datasheet
572Kb / 5P
   Dual Port Fiber Gigabit Ethernet PCI Express Server Adapter
PEG1F SILICOM-PEG1F Datasheet
428Kb / 6P
   Fiber Gigabit Ethernet PCI Express Server Adapter
PE325G2I71 SILICOM-PE325G2I71 Datasheet
510Kb / 5P
   Dual Port 25 Gigabit Ethernet PCI Express Server Adapter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com