Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE310G4DE4816BIA Datasheet(PDF) 2 Page - Silicom Ltd.

Part No. PE310G4DE4816BIA
Description  Quad Port 10GbE Broadwell DE In-Line System on NIC Network Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G4DE4816BIA Datasheet(HTML) 2 Page - Silicom Ltd.

  PE310G4DE4816BIA Datasheet HTML 1Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 2Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 3Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 4Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Form Factor, PCIe Standard height Long (9.84” x 4.2”, 250mm x 106.7mm), x8G3, 1 slot wide, (with passive
heatsnik)
Adapter Features:
Programmable (x86) Intelligent Quad Port 10GBE PCI Express x8 Gen3.0 NIC
Front End Packet Processing Offload
Based BDW-DE SOC, 2- 8 Core Intel@ Xeon (14nm) CPUs
Xeon Class Server Feaures
X86, C-programmable, flexible
SMBUS/NC-SI support
Ability to SW reboot the device. SW power down/up the system
On board based management, control fans, monitor temperature
Remotely manageable
The best industry performance per watt
Target Applications:
Network application accelerator offload
Data Center Accelerator offload
Security / Compression Accelerator offload
Storage Accelerator offload
Technical Specifications
Hardware
Processors
Intel Xeon Processors (embedded in Broadwell-DE SoC)
2 to 8 core devices supported
45W (and lower) SKUs supported
32KB Instruction and data caches, 256KB mid-level cache, and 1.5GB last
level cache units per CPU core
46 bit virtual and physical address spaces per core
Intel Hyper-Threading Technology supported (2 threads per core)
Processor Memory
2 Channels of 64 bit DDR4 memory with ECC
1600 to 2400 MT/s memory speeds supported


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn