Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE310G4DE4816BIA Datasheet(PDF) 1 Page - Silicom Ltd.

Part No. PE310G4DE4816BIA
Description  Quad Port 10GbE Broadwell DE In-Line System on NIC Network Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G4DE4816BIA Datasheet(HTML) 1 Page - Silicom Ltd.

  PE310G4DE4816BIA Datasheet HTML 1Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 2Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 3Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 4Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
PE310G4DE4816BI-A Network Adapter
Quad Port 10GbE Broadwell DE In-Line System on NIC Network Adapter
Product Description
Silicom’s Broadwell DE System On a NIC (SoNIC) is based on
Intel BDW-DE System on a Chip (SoC) Xeon D-1500
Processor. The Silicom’s BDW-DE SoNIC is targeted for
network applications offload, such as multiservice Intrusion
detection and prevention (IDS / IPS), unified threat
management (UTM), Deep packet inspection, VPN/Firewall/IDS
systems, and any other offload packet processing PCI Express
adapter.
Key Features
Based on Intel® Xeon® SoC Processor D-1500 Product
family
14nm Intel Haswell Microarchitecture
SoC One chip Solution, Integrated PCH technology, Intel
Ethernet, BGA package
HW and SW scalability, x86 architecture, 2C
– 8C, Up to 45W TDP
SoNIC mains SKUs
o
In-line, Ethernet 2x10G connection to the host server
Two channels of 64bit DDR4 memory with ECC, 16GByte total, 1600-2400MT/s
Quad SFP+ 10GbE IO port
1GbE Ethernet management port
M.2 SSD SATA Card slot, 3 SATA Ports, SPI Flash, 128Mb
On Board Micro-BMC Controller
BIOS: Coreboot, Intel Firmware Support Package (FSP)
OS: Fedora release 22, Kernel 4.1.3 on M2.SSD
usa.com
-
www.silicom


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn